Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1707PG1R1-R3 Datasheet(PDF) 14 Page - New Japan Radio

Part # NJG1707PG1R1-R3
Description  800MHz TDMA FRONT-END GaAs MMIC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1707PG1R1-R3 Datasheet(HTML) 14 Page - New Japan Radio

Back Button NJG1707PG1R1-R3 Datasheet HTML 9Page - New Japan Radio NJG1707PG1R1-R3 Datasheet HTML 10Page - New Japan Radio NJG1707PG1R1-R3 Datasheet HTML 11Page - New Japan Radio NJG1707PG1R1-R3 Datasheet HTML 12Page - New Japan Radio NJG1707PG1R1-R3 Datasheet HTML 13Page - New Japan Radio NJG1707PG1R1-R3 Datasheet HTML 14Page - New Japan Radio NJG1707PG1R1-R3 Datasheet HTML 15Page - New Japan Radio NJG1707PG1R1-R3 Datasheet HTML 16Page - New Japan Radio NJG1707PG1R1-R3 Datasheet HTML 17Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
NJG1707PG1
- 14-
nTYPICAL CHARACTERISTICS (LNA)
LNA Scattering Parameter Table
VDD3=2.7V, IDD3=3mA, Zo=50
Ω
Freq.
mag.
ang.
mag.
ang.
mag.
ang.
mag.
ang.
(GHz) (unit)
(deg.)
(unit)
(deg.)
(unit)
(deg.)
(unit)
(deg.)
0.1
1.000
-2.22
2.147 176.00
0.009
48.67
0.949
-1.04
0.2
0.987
-5.10
2.087 168.16
0.008
38.98
0.940
-3.71
0.3
0.985
-7.12
2.053 161.77
0.005
68.44
0.954
-4.61
0.4
0.987
-10.49
2.079 154.25
0.010
61.48
0.940
-7.50
0.5
0.967
-12.19
2.020 147.74
0.008
58.51
0.939
-8.86
0.6
0.967
-15.33
1.998 141.28
0.007
57.29
0.931
-11.32
0.7
0.943
-17.89
1.947 134.57
0.010
62.79
0.921
-13.70
0.8
0.928
-20.65
1.899 128.63
0.010
57.35
0.918
-15.28
0.9
0.911
-23.45
1.845 122.18
0.013
61.22
0.924
-18.33
1
0.894
-26.19
1.795 116.45
0.013
64.15
0.914
-20.15
1.1
0.882
-28.43
1.723 111.16
0.013
68.15
0.923
-22.40
1.2
0.867
-30.91
1.675 105.79
0.014
66.63
0.910
-24.64
1.3
0.861
-33.29
1.613 100.76
0.014
69.43
0.927
-26.98
1.4
0.853
-35.74
1.556
95.80
0.015
65.80
0.916
-28.74
1.5
0.848
-37.65
1.498
90.90
0.015
69.41
0.921
-30.73
1.6
0.843
-39.63
1.442
86.45
0.017
75.17
0.915
-32.14
1.7
0.834
-41.23
1.384
82.25
0.018
76.93
0.913
-33.86
1.8
0.832
-42.72
1.344
78.49
0.018
80.33
0.913
-35.13
1.9
0.823
-43.91
1.288
74.67
0.021
84.19
0.908
-36.37
2
0.816
-44.93
1.253
71.30
0.022
82.05
0.912
-37.14
S11
S21
S12
S22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com