Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1707PG1R1-R3 Datasheet(PDF) 4 Page - New Japan Radio

Part # NJG1707PG1R1-R3
Description  800MHz TDMA FRONT-END GaAs MMIC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1707PG1R1-R3 Datasheet(HTML) 4 Page - New Japan Radio

  NJG1707PG1R1-R3 Datasheet HTML 1Page - New Japan Radio NJG1707PG1R1-R3 Datasheet HTML 2Page - New Japan Radio NJG1707PG1R1-R3 Datasheet HTML 3Page - New Japan Radio NJG1707PG1R1-R3 Datasheet HTML 4Page - New Japan Radio NJG1707PG1R1-R3 Datasheet HTML 5Page - New Japan Radio NJG1707PG1R1-R3 Datasheet HTML 6Page - New Japan Radio NJG1707PG1R1-R3 Datasheet HTML 7Page - New Japan Radio NJG1707PG1R1-R3 Datasheet HTML 8Page - New Japan Radio NJG1707PG1R1-R3 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
NJG1707PG1
- 4-
nELECTRICAL CHARACTRISTICS 3 [Rx Mode]
General Conditions:
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
Rx-ANT1 Insertion Loss
LOSS3
Pin=10dBm
-
0.65
0.80
dB
Rx-ANT2 Insertion Loss
LOSS4
Pin=10dBm
-
0.60
0.75
dB
Rx-EXT1 Insertion Loss
LOSS5
Pin=10dBm
-
0.70
0.85
dB
Rx-EXT2 Insertion Loss
LOSS6
Pin=10dBm
-
0.65
0.80
dB
Rx-ANT1 Isolation
ISL6
Pin=10dBm
Rx-ANT2, Rx-EXT1, Rx-EXT2 passing
22
26
-
dB
Rx-ANT2 Isolation
ISL7
Pin=10dBm
Rx-ANT1, Rx-EXT1, Rx-EXT2 passing
24
30
-
dB
Rx-EXT1 Isolation
ISL8
Pin=10dBm
Rx-ANT1, Rx-ANT2, Rx-EXT2 passing
22
26
-
dB
Rx-EXT2 Isolation
ISL9
Pin=10dBm
Rx-ANT1, Rx-ANT2, Rx-EXT1 passing
22
26
-
dB
Input Power at 1dB
Compression 1
P-1dB(1)
Rx-ANT1, Rx-ANT2, Rx-EXT1, Rx-
EXT2 passing
21
26
-
dBm
VSWR 2
VSWR2
RX-ANT1, RX-ANT2, RX-EXT1, RX-
EXT2 passing
-
1.2
1.6
Switching Time 2
TD2
CTL1~3
-
120
500
nsec
nELECTRICAL CHARACTRISTICS 4 [LNA]
General Conditions:
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
Operation Frequency
fRF
810
-
885
MHz
Drain Voltage
VDD3
2.5
2.7
4.5
V
Current Consumption
IDD3
No RF input
-
2.7
3.6
mA
Small Signal Gain
Gain
16.0
17.5
18.5
dB
Gain Flatness
Gflat
fRF=810~885MHz
-
0.5
1.0
dB
Noise Figure
NF
-
1.4
1.6
dB
Pout at 1dB Gain
Compression Point
P-1dB(2)
-3.0
+1.0
-
dBm
Input 3
rd order
Intercept Point
IIP3
-8.0
-4.5
-
dBm
LNAIN Port VSWR
VSWRi
-
1.5
2.5
LNAOUT Port VSWR
VSWRo
-
1.5
2.5
Ta=25°C, VDD=3.5V, VSS=0V, fin=810~885MHz
Tested on PCB circuit as shown below.
Insertion loss of each connectors, striplines, and capacitors are excluded.
TX, RX, ANT1, ANT2, EXT1, EXT2: terminated (50
Ω)
TER1, TER2: grounded by 10pF capacitor.
Ta=25°C, VDD=3.5V, VSS=0V, fin=820MHz
Tested on PCB circuit as shown below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com