Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFB Datasheet(PDF) 5 Page - MERITEK ELECTRONICS CORPORATION

Part # CFB
Description  Closed magnetic circuit avoids crosstalk
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

CFB Datasheet(HTML) 5 Page - MERITEK ELECTRONICS CORPORATION

  CFB Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION CFB Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION CFB Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION CFB Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION CFB Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION CFB Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION CFB Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Multilayer Ferrite Chip Inductor
MERITEK
CFB Series
RoHS
HIGH CURRENT ELECTRICAL SPECIFICATIONS
CFBH0805 Multilayer Ferrite Chip Inductors Type
Codes
Inductance
(nH)
Tolerance
Test Freq.
SRF
(MHz) min.
DCR
(Ω)
IDC
(mA) max.
R47
470
±20%
1MHz, 250mV
100
0.10±25%
1100
R68
608
±20%
1MHz, 250mV
100
0.12±25%
1000
R82
820
±20%
1MHz, 250mV
90
0.14±25%
900
1R0
1000
±20%
1MHz, 250mV
90
0.16±25%
800
1R2
1200
±20%
1MHz, 250mV
80
0.16±25%
800
1R5
1500
±20%
1MHz, 250mV
70
0.22±25%
700
1R8
1800
±20%
1MHz, 250mV
60
0.22±25%
700
2R2
2200
±20%
1MHz, 250mV
50
0.25±25%
600
3R3
3300
±20%
1MHz, 250mV
40
0.22±25%
500
4R7
4700
±20%
1MHz, 250mV
30
0.30±25%
500
CFBH0806 Multilayer Ferrite Chip Inductors Type
Codes
Inductance
(nH)
Tolerance
Test Freq.
SRF
(MHz) min.
DCR
(Ω)
IDC
(mA) max.
R47
470
±20%
1MHz, 250mV
100
0.14±30%
1500
R68
680
±20%
1MHz, 250mV
90
0.15±30%
1500
R82
820
±20%
1MHz, 250mV
80
0.16±30%
1500
1R0
1000
±20%
1MHz, 250mV
60
0.16±30%
1400
1R2
1200
±20%
1MHz, 250mV
60
0.16±30%
1400
1R5
1500
±20%
1MHz, 250mV
50
0.20±30%
1200
1R8
1800
±20%
1MHz, 250mV
50
0.20±30%
1200
2R2
2200
±20%
1MHz, 250mV
40
0.22±30%
1200
3R3
3300
±20%
1MHz, 250mV
30
0.24±30%
1100
4R7
4700
±20%
1MHz, 250mV
20
0.30±30%
1100
CFBH1008 Multilayer Ferrite Chip Inductors Type
Codes
Inductance
(nH)
Tolerance
Test Freq.
SRF
(MHz) min.
DCR
(Ω)
IDC
(mA) max.
R47
470
±20%
1MHz, 250mV
100
0.07±25%
1800
R68
680
±20%
1MHz, 250mV
90
0.09±25%
1700
R82
820
±20%
1MHz, 250mV
80
0.10±25%
1700
1R0
1000
±20%
1MHz, 250mV
60
0.11±25%
1600
1R2
1200
±20%
1MHz, 250mV
60
0.11±25%
1600
1R5
1500
±20%
1MHz, 250mV
50
0.13±25%
1500
1R8
1800
±20%
1MHz, 250mV
50
0.13±25%
1500
2R2
2200
±20%
1MHz, 250mV
40
0.17±25%
1300
3R3
3300
±20%
1MHz, 250mV
30
0.16±25%
1200
4R7
4700
±20%
1MHz, 250mV
25
0.20±25%
1100



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com