Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFB Datasheet(PDF) 7 Page - MERITEK ELECTRONICS CORPORATION

Part # CFB
Description  Closed magnetic circuit avoids crosstalk
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

CFB Datasheet(HTML) 7 Page - MERITEK ELECTRONICS CORPORATION

  CFB Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION CFB Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION CFB Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION CFB Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION CFB Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION CFB Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION CFB Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Multilayer Ferrite Chip Inductor
MERITEK
CFB Series
RoHS
PACKAGING
Reel Specifications
Unit: mm
Type
A
B
C
W
T
Quality
(EA)
Paper Tape
(Type B)
Polystyrene Tape
(Type A)
CFB0603
178±1
60.0+0.5
13.0±0.2
9.00±0.5
12.0±0.15
4,000
-
CFB0805(
≦2.2uH)
178±1
60.0+0.5
13.0±0.2
9.00±0.5
12.0±0.15
4,000
-
CFB0805(
≧2.7uH)
178±1
60.0+0.5
13.0±0.2
9.00±0.5
12.0±0.15
-
3,000
CFB1206
178±1
60.0+0.5
13.0±0.2
9.00±0.5
12.0±0.15
-
3,000
CFBH0805
178±1
60.0+0.5
13.0±0.2
9.00±0.5
12.0±0.15
4,000
-
CFBH0806
178±1
60.0+0.5
13.0±0.2
9.00±0.5
12.0±0.15
-
3,000
CFBH1008
178±1
60.0+0.5
13.0±0.2
9.00±0.5
12.0±0.15
-
3,000
Tape Specifications
Tape Material
Carrier tape:Polystyrene for 0805(≦2.2uH) 1206
Paper for 0603 0805(≧2.7uH)
Cover type:Polystyrene
Unit: mm
Type
A
B
T
W
P
F
K
Tape Type
CFB0603
1.05
1.85
0.95
8.0
4.0
3.5
-
B
CFB0805(
≦2.2uH)
1.50
2.42
0.95
8.0
4.0
3.5
-
B
CFB0805(
≧2.7uH)
1.50
2.35
1.45
8.0
4.0
3.5
0.22
A
CFB1206
1.88
3.50
1.27
8.0
4.0
3.5
0.22
A
CFBH0805
1.45
2.25
0.95
8.0
4.0
3.5
-
B
CFBH0806
1.88
2.40
1.23
8.0
4.0
3.5
0.23
A
CFBH1008
2.20
2.85
1.40
8.0
4.0
3.5
0.23
A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com