Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFB Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # CFB
Description  Closed magnetic circuit avoids crosstalk
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

CFB Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  CFB Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION CFB Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION CFB Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION CFB Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION CFB Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION CFB Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION CFB Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Multilayer Ferrite Chip Inductor
MERITEK
CFB Series
RoHS
FEATURES
Closed magnetic circuit avoids crosstalk
Suitable for high density installation and re-flow soldering
Sizes 0603 / 0805 / 1206
APPLICATIONS
Personal Computers
Portable Equipment
CD-ROM, Hard Disk, Modem, Printers
DC-DC Converters
DSC,DVC,PDA,DVD and HDD
CONSTRUCTION
DIMENSIONS
PART NUMBERING SYSTEM
CFB 0805
K
T
R10
Meritek Series
CFB: Standard
CFBH: High Current
Dimensions
Size 0603
0805
0806
1008
1206
Inductance Tolerance:
K
M
±10%
±20%
Packing Code
T: Tape & Reel
Inductance
Code
10N
R10
1R0
Value
10nH
100nH
1000nH
①
Ferrite
②
Internal Electrode
③
Electrode Plating
(Ag/Ni/Sn)
Type
Size
(Inch)
A
B
C
D
Weight
(g)
(1000pcs)
CFB0603
0603
1.60±0.20
0.80±0.20
0.80±0.20
0.30±0.20
6.2
CFB0805(
≦ 2.2µH)
0805
2.00±0.20
1.25±0.20
0.90±0.20
0.50±0.30
10
CFB0805(
≧ 2.7µH)
0805
2.00±0.20
1.25±0.20
1.25±0.20
0.50±0.30
10
CFB1206
1206
3.20±0.20
1.60±0.20
1.10±0.20
0.50±0.30
30
CFBH0805
0805
2.00±0.20
1.25±0.20
0.90±0.10
0.50±0.20
10
CFBH0806
0806
2.00±0.15
1.60±0.15
0.90±0.10
0.50±0.20
12
CFBH1008
1008
2.50±0.20
2.00±0.20
0.90±0.10
0.60±0.20
21


Similar Part No. - CFB

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CFB-6 SUMIDA-CFB-6 Datasheet
151Kb / 2P
Filter Coils
logo
Pentair plc. All rights...
CFB-PLUS PENTAIR-CFB-PLUS Datasheet
226Kb / 2P
SEDIMENT FILTRATION AND CHLORINE TASTE & ODOR REDUCTION IN A SINGLE CARTRIDGE
CFB-Plus10 PENTAIR-CFB-Plus10 Datasheet
226Kb / 2P
SEDIMENT FILTRATION AND CHLORINE TASTE & ODOR REDUCTION IN A SINGLE CARTRIDGE
CFB-Plus10BB PENTAIR-CFB-Plus10BB Datasheet
226Kb / 2P
SEDIMENT FILTRATION AND CHLORINE TASTE & ODOR REDUCTION IN A SINGLE CARTRIDGE
CFB-Plus20 PENTAIR-CFB-Plus20 Datasheet
226Kb / 2P
SEDIMENT FILTRATION AND CHLORINE TASTE & ODOR REDUCTION IN A SINGLE CARTRIDGE
More results

Similar Description - CFB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
808-H-1A ETC1-808-H-1A Datasheet
53Kb / 2P
Magnetic Overcurrent Circuit Breaker
logo
Tyco Electronics
W67-X2Q12-20 MACOM-W67-X2Q12-20 Datasheet
146Kb / 6P
Magnetic Hydraulic Circuit Breakers
logo
TDK Electronics
HF2316 TDK-HF2316 Datasheet
329Kb / 11P
Common Mode Choke Coils Line Filters For power line, Closed magnetic circuit core type
logo
List of Unclassifed Man...
IAG4-39221-1 ETC2-IAG4-39221-1 Datasheet
2Mb / 24P
Magnetic Circuit Protectors
logo
Keysight Technologies
N8833A KEYSIGHT-N8833A Datasheet
1Mb / 15P
Crosstalk Analysis Application
logo
ETAL Group
8340-G ETAL-8340-G Datasheet
320Kb / 6P
Magnetic and Hydraulic-Magnetic Circuit Breaker
logo
E&E Magnetic Products L...
824-00261F EEMAGNETIC-824-00261F Datasheet
111Kb / 2P
Enhanced crosstalk and return loss performance
824-00270 EEMAGNETIC-824-00270 Datasheet
64Kb / 2P
Enhanced crosstalk and return loss performance
logo
Schneider Electric
GV2ME07 SCHNEIDER-GV2ME07 Datasheet
207Kb / 9P
thermal magnetic circuit protector
Aug 11, 2019
GV3P40 SCHNEIDER-GV3P40 Datasheet
178Kb / 7P
thermal magnetic circuit protector
Aug 15, 2019
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com