Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFB Datasheet(PDF) 6 Page - MERITEK ELECTRONICS CORPORATION

Part # CFB
Description  Closed magnetic circuit avoids crosstalk
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

CFB Datasheet(HTML) 6 Page - MERITEK ELECTRONICS CORPORATION

  CFB Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION CFB Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION CFB Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION CFB Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION CFB Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION CFB Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION CFB Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Multilayer Ferrite Chip Inductor
MERITEK
CFB Series
RoHS
ENVIRONMENTAL CHARACTERISTICS
Electrical Performance Test
Item
Requirement
Test Method
Inductance
Refer to standard electrical
characteristic spec.
HP4291B
Q
HP4291B
SRF
HP4291B
DC Resistance RDC
Agilent 34401A
Rated Current IDC
Applied the current to coils, The inductance change should be
less than 10% to initial value
Mechanical Performance Test
Item
Requirement
Test Method
Resistance to
Soldering Heat
Appearance: No damage
More than 75% of the terminal.
Electrode should be covered with solder.
Inductance: within ±15% of initial value
Q: within ±30% of initial value
Inductance: within±20% of initial value
(0603 over 12uH)
Pre-heating: 150°C, 1min.
Solder Composition: Sn/Ag3.0/Cu0.5 (Pb-Free)
Solder Temperature: 260±5°C (Pb-Free)
Immersion Time: 10±1 sec.
Solderability
The electrodes shall be at least 90%
covered with new solder coating
Pre-heating: 150°C, 1min.
Solder Composition: Sn/Ag3.0/Cu0.5 (Pb-Free) Solder
Temperature: 245±5°C (Pb-Free)
Immersion Time: 4±1 sec.
Flexure Strength
The forces applied on the right
conditions must not damage the terminal
electrode and the ferrite.
Test device shall be soldered on the substrate
Substrate Dimension: 100x40x1.6 mm
Deflection: 2.0 mm
Keeping Time: 30 sec.
*For 0402, substrate dimension is 100x40x0.8 mm
Vibration
Test device shall be soldered on the substrate
Oscillation Frequency: 10 to 55 to 10Hz for 1 min.
Amplitude: 1.5 mm
Time: 2 hrs for each axis (X, Y & Z), total 6 hrs
Climatic Test
Item
Requirement
Test Method
Damp Heat with Load
Appearance: No damage
L change: within±10% of initial value
Q change: within±30% of initial value
Temperature: 40±2°C
Relative Humidity: 90 ~ 95%
Time: 1000 hrs
Measured after exposure in the room condition for 24 hrs
Temperature Cycle
One cycle:
Step
Temperature (°C)
Time (min.)
1
-25±3
30
2
25±2
3
3
85±3
30
4
25±2
3
Total: 100 cycles
Measured after exposure in the room condition for 24 hrs
High Temperature
Resistance
Temperature: 85±3°C
Relative Humidity: 20%
Applied Current: Rated Current
Time: 1000 hrs
Measured after exposure in the room condition for 24 hrs
Low Temperature
Resistance
Temperature: -25±3°C
Relative Humidity: 0%
Time: 1000 hrs
Measured after exposure in the room condition for 24 hrs



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com