Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFB Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # CFB
Description  Closed magnetic circuit avoids crosstalk
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

CFB Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  CFB Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION CFB Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION CFB Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION CFB Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION CFB Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION CFB Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION CFB Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Multilayer Ferrite Chip Inductor
MERITEK
CFB Series
RoHS
STANDARD ELECTRICAL SPECIFICATIONS
CFB0603 Multilayer Ferrite Chip Inductors Type
Codes
Inductance
(nH)
Tolerance
L/Q
Freq.
(MHz)
Q
min.
SRF
(MHz) min.
DCR
(Ω) max.
IDC
(mA) max.
10N
10
±20%
50MHz, 200mV
10
300
0.20
50
33N
33
±20%
50MHz, 200mV
10
270
0.20
50
47N
47
±20%
50MHz, 200mV
10
260
0.30
50
56N
56
±20%
50MHz, 200mV
10
255
0.30
50
68N
68
±20%
50MHz, 200mV
10
250
0.30
50
82N
82
±20%
50MHz, 200mV
10
245
0.30
50
R10
100
±10, ±20%
25MHz, 200mV
15
240
0.50
50
R12
120
±10, ±20%
25MHz, 200mV
15
205
0.50
50
R15
150
±10, ±20%
25MHz, 200mV
15
180
0.60
50
R18
180
±10, ±20%
25MHz, 200mV
15
165
0.60
50
R22
220
±10, ±20%
25MHz, 200mV
15
150
0.80
50
R27
270
±10, ±20%
25MHz, 200mV
15
136
0.80
50
R33
330
±10, ±20%
25MHz, 200mV
15
125
0.85
35
R39
390
±10, ±20%
25MHz, 200mV
15
110
1.00
35
R47
470
±10, ±20%
25MHz, 200mV
15
105
1.35
35
R56
560
±10, ±20%
25MHz, 200mV
15
95
1.55
35
R68
680
±10, ±20%
25MHz, 200mV
15
85
1.70
35
R82
820
±10, ±20%
25MHz, 200mV
15
75
2.10
35
1R0
1000
±10, ±20%
10MHz, 200mV
35
65
0.60
25
1R2
1200
±10, ±20%
10MHz, 200mV
35
60
0.80
25
1R5
1500
±10, ±20%
10MHz, 200mV
35
55
0.80
25
1R8
1800
±10, ±20%
10MHz, 200mV
35
50
0.95
25
2R2
2200
±10, ±20%
10MHz, 200mV
35
45
1.55
15
2R7
2700
±10, ±20%
10MHz, 200mV
35
40
1.35
15
3R3
3300
±10, ±20%
10MHz, 200mV
35
38
1.55
15
3R9
3900
±10, ±20%
10MHz, 200mV
35
35
1.70
15
4R7
4700
±10, ±20%
10MHz, 200mV
35
33
2.10
15
5R6
5600
±10, ±20%
4MHz, 200mV
35
22
1.55
5
6R8
6800
±10, ±20%
4MHz, 200mV
35
20
1.70
5
8R2
8200
±10, ±20%
4MHz, 60 mV
30
18
2.10
5
100
10000
±10, ±20%
2MHz, 60mV
30
17
2.55
5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com