Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFB Datasheet(PDF) 3 Page - MERITEK ELECTRONICS CORPORATION

Part # CFB
Description  Closed magnetic circuit avoids crosstalk
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

CFB Datasheet(HTML) 3 Page - MERITEK ELECTRONICS CORPORATION

  CFB Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION CFB Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION CFB Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION CFB Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION CFB Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION CFB Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION CFB Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Multilayer Ferrite Chip Inductor
MERITEK
CFB Series
RoHS
CFB0805 Multilayer Ferrite Chip Inductors Type
Codes
Inductance
(nH)
Tolerance
L/Q
Freq.
(MHz)
Q
min.
SRF
(MHz) min.
DCR
(Ω) max.
IDC
(mA) max.
47N
47
±20%
50MHz, 200mV
20
320
0.20
300
56N
56
±20%
50MHz, 200mV
20
320
0.20
300
68N
68
±20%
50MHz, 200mV
20
280
0.20
300
82N
82
±20%
50MHz, 200mV
20
255
0.20
300
R10
100
±10, ±20%
25MHz, 200mV
20
235
0.30
250
R12
120
±10, ±20%
25MHz, 200mV
20
220
0.30
250
R15
150
±10, ±20%
25MHz, 200mV
20
200
0.40
250
R18
180
±10, ±20%
25MHz, 200mV
20
185
0.40
250
R22
220
±10, ±20%
25MHz, 200mV
20
170
0.50
250
R27
270
±10, ±20%
25MHz, 200mV
20
150
0.50
250
R33
330
±10, ±20%
25MHz, 200mV
20
145
0.55
250
R39
390
±10, ±20%
25MHz, 200mV
25
135
0.65
200
R47
470
±10, ±20%
25MHz, 200mV
25
125
0.65
200
R56
560
±10, ±20%
25MHz, 200mV
25
115
0.75
150
R68
680
±10, ±20%
25MHz, 200mV
25
105
0.80
150
R82
820
±10, ±20%
25MHz, 200mV
25
100
1.00
150
1R0
1000
±10, ±20%
10MHz, 200mV
45
75
0.40
50
1R2
1200
±10, ±20%
10MHz, 200mV
45
65
0.50
50
1R5
1500
±10, ±20%
10MHz, 200mV
45
60
0.50
50
1R8
1800
±10, ±20%
10MHz, 200mV
45
55
0.60
50
2R2
2200
±10, ±20%
10MHz, 200mV
45
50
0.65
30
2R7
2700
±10, ±20%
10MHz, 200mV
45
45
0.75
30
3R3
3300
±10, ±20%
10MHz, 200mV
45
41
0.80
30
3R9
3900
±10, ±20%
10MHz, 200mV
45
38
0.90
30
4R7
4700
±10, ±20%
10MHz, 200mV
45
35
1.00
30
5R6
5600
±10, ±20%
4MHz, 200mV
45
32
0.90
15
6R8
6800
±10, ±20%
4MHz, 200mV
45
29
1.00
15
8R2
8200
±10, ±20%
4MHz, 200mV
45
26
1.10
15
100
10000
±10, ±20%
2MHz, 60mV
45
24
1.15
15
120
12000
±10, ±20%
2MHz, 60mV
45
22
1.25
15
150
15000
±10, ±20%
1MHz, 60mV
30
19
0.80
5
180
18000
±10, ±20%
1MHz, 60mV
30
18
0.90
5
220
22000
±10, ±20%
1MHz, 60mV
30
16
1.10
5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com