Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2106 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX2106
Description  DBS Direct Downconverter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2106 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX2106 Datasheet HTML 1Page - Maxim Integrated Products MAX2106 Datasheet HTML 2Page - Maxim Integrated Products MAX2106 Datasheet HTML 3Page - Maxim Integrated Products MAX2106 Datasheet HTML 4Page - Maxim Integrated Products MAX2106 Datasheet HTML 5Page - Maxim Integrated Products MAX2106 Datasheet HTML 6Page - Maxim Integrated Products MAX2106 Datasheet HTML 7Page - Maxim Integrated Products MAX2106 Datasheet HTML 8Page - Maxim Integrated Products MAX2106 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
DBS Direct Downconverter
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = +4.75V to +5.25V, VFB = +2.4V, CIOUT_ = CQOUT_ = 10pF, ƒFLCLK = 2MHz, RFIN_ = unconnected, RIOUT_ = RQOUT_ = 10k
Ω,
VLOBUFSEL = 0.5V, VRFBAND = VINSEL = VCPG1 = VCPG2 = +2.4V, VPLLIN+ = VMOD+ = +1.3V, VPLLIN- = VMOD- = +1.1V, TA = +25°C,
unless otherwise noted. Typical values are at VCC = +5V, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ..............................................................-0.3V to +7V
All Other Pins to GND................................-0.3V to (VCC + 0.3V)
RFIN+ to RFIN-, TANK+ to TANK-,
IDC+ to IDC-, QDC+ to QDC- .........................................±2V
IOUT_, QOUT_ to GND Short-Circuit Duration .......................10s
LOBUF+/PSOUT+, LOBUF-/PSOUT- Short-Circuit Duration..10s
Continuous Current (any pin other than VCC or GND)........20mA
Continuous Power Dissipation (TA = +70°C)
48-Pin TQFP-EP (derate 27mW/°C above +70°C) ..........1.5W
Operating Temperature ..........................................0°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
XTLOUT Output DC Voltage
1.9
V
RFBAND Input Current
-200
200
µA
1.44
1.8
2.16
mA
0.48
0.6
0.72
VCPG1
≥ 2.4V, VCPG2 ≥ 2.4V
VCPG1
≥ 2.4V, VCPG2 ≤ 0.5V
0.24
0.3
0.36
VCPG1
≤ 0.5V, VCPG2 ≥ 2.4V
Operating Supply Current
ICC
195
275
mA
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Input Current
IIN
-15
10
µA
Input Voltage Low
VIL
0.5
V
Input Voltage High
VIH
2.4
V
FLCLK Input Voltage High
1.85
V
FLCLK Input Voltage Low
1.45
V
FLCLK Input Current (Note 1)
-1
1
µA
Operating Supply Voltage
VCC
4.75
5.25
V
Common-Mode Input Voltage
VCMI
1.08
1.2
1.32
V
Input Voltage Low
-100
mV
Input Voltage High
100
mV
Input Current (Note 1)
-5
5
µA
Common-Mode Output Voltage
VCMO
2.16
2.4
2.64
V
Output Voltage Low (Note 2)
-150
mV
Output Voltage High (Note 2)
150
mV
Prescaler Ratio
Reference Divider Ratio
88
Charge-Pump Output High
Measured at FB
0.08
0.1
0.12
CONDITIONS
Referenced to VCMI
Referenced to VCMI
RSOURCE = 50k
Ω, VFLCLK = 1.65V
Referenced to VCMO, LOBUFSEL
≤ 0.5V
Referenced to VCMO, LOBUFSEL
≤ 0.5V
VCPG1
≤ 0.5V, VCPG2 ≤ 0.5V
(VMOD+ -VMOD-)
≥ 200mV, LOBUFSEL ≤ 0.5V
32
32
LOBUFSEL
≥ 2.4V, LODIVSEL ≤ 0.5V
LOBUFSEL
≥ 2.4V, LODIVSEL ≥ 2.4V
(VMOD+ -VMOD-)
≤ -200mV, LOBUFSEL ≤ 0.5V
22
11
33
33
FREQUENCY SYNTHESIZER/LO BUFFER
DIFFERENTIAL DIGITAL OUTPUTS (LOBUF+/PSOUT+, LOBUF-/PSOUT-)
DIFFERENTIAL DIGITAL INPUTS (MOD+, MOD-, PLLIN+, PLLIN-)
SLEW-RATE-LIMITED DIGITAL INPUT (fLCLK)
STANDARD DIGITAL INPUTS (INSEL, CPG1, CPG2, LOBUFSEL, LODIVSEL)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com