Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2106 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX2106
Description  DBS Direct Downconverter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2106 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX2106 Datasheet HTML 2Page - Maxim Integrated Products MAX2106 Datasheet HTML 3Page - Maxim Integrated Products MAX2106 Datasheet HTML 4Page - Maxim Integrated Products MAX2106 Datasheet HTML 5Page - Maxim Integrated Products MAX2106 Datasheet HTML 6Page - Maxim Integrated Products MAX2106 Datasheet HTML 7Page - Maxim Integrated Products MAX2106 Datasheet HTML 8Page - Maxim Integrated Products MAX2106 Datasheet HTML 9Page - Maxim Integrated Products MAX2106 Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
DBS Direct Downconverter
_______________________________________________________________________________________
7
Pin Description (continued)
NAME
FUNCTION
PIN
34
MOD-
PECL Modulus Control. A PECL low on MOD- sets the dual-modulus prescaler to divide by 32. A
PECL logic high sets the divide ratio to 33. Drive with a differential PECL signal in conjunction with
MOD+ (pin 33).
35
PLLIN+
PECL Phase-Locked Loop Input. Drive with a differential PECL signal in conjunction with PLLIN- (pin 36).
37
LOBUF+/
PSOUT+
LOBUFSEL = GND: PECL Prescaler Output. Differential output of the dual-modulus prescaler. Used in
conjunction with PSOUT-. Requires PECL-compatible termination. LOBUFSEL=VCC: 50
Ω LO buffer
noninverting output.
36
PLLIN-
PECL Phase-Locked Loop Input. Drive with a differential PECL signal in conjunction with PLLIN+ (pin 35)
42
TANK-
LO Tank Oscillator Input. Connect to an external LC tank with varactor tuning.
38
LOBUF-/
PSOUT-
LOBUFSEL = GND: PECL Prescaler Output. Differential output of the dual-modulus prescaler. Used in
conjunction with PSOUT+. Requires PECL-compatible termination.
LOBUFSEL = VCC: 50
Ω LO buffer inverting output.
43
VRLO
LO Internal Regulator. Bypass with a 1000pF ceramic chip capacitor to GND.
44
TANK+
LO Tank Oscillator Input. Connect to an external LC tank with varactor tuning.
47
FB
Feedback Input for Loop Filter
48
CP
Voltage Drive Output. Control of external charge-pump transistor.
50%
MOD+,
MOD-
PSOUT+
PSOUT-
50%
50%
50%
tSUM
tHM
Figure 1. Modulus Control Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com