Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2106 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX2106
Description  DBS Direct Downconverter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2106 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX2106 Datasheet HTML 1Page - Maxim Integrated Products MAX2106 Datasheet HTML 2Page - Maxim Integrated Products MAX2106 Datasheet HTML 3Page - Maxim Integrated Products MAX2106 Datasheet HTML 4Page - Maxim Integrated Products MAX2106 Datasheet HTML 5Page - Maxim Integrated Products MAX2106 Datasheet HTML 6Page - Maxim Integrated Products MAX2106 Datasheet HTML 7Page - Maxim Integrated Products MAX2106 Datasheet HTML 8Page - Maxim Integrated Products MAX2106 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
DBS Direct Downconverter
4
_______________________________________________________________________________________
AC ELECTRICAL CHARACTERISTICS (continued)
(RFIN+ IC driven single-ended with RFIN- AC-terminated in 75
Ω to GND, VCC = +4.75V to +5.25V, VIOUT_ = VQOUT_ = 0.59Vp-p,
CIOUT_ = CQOUT_ = 10pF, fLCLK = 2MHz, RIOUT_ = RQOUT_ = 10k
Ω, VLOBUFSEL = 0.5V, VRFBAND = VINSEL = VCPG1 = VCPG2 = +2.4V,
VPLLIN+ = VMOD+ = +1.3V, VPLLIN- = VMOD- = +1.1V, TA = +25°C, unless otherwise noted. Typical values are at VCC = +5V.)
12.5
f = 925MHz
dB
RFOUT Noise Figure (Note 10)
5
7
9
f = 925MHz
dBm
RFOUT Output Third-Order Intercept
Point (Note 10)
1.0
f = 1550MHz
2.0
f = 2175MHz
0.5
f = 925MHz
dB
RFIN+ to RFOUT Gain (Note 10)
degrees
Quadrature Phase Error
Includes effects from baseband filters,
measured at 125kHz baseband
4
dB
Quadrature Gain Error
Includes effects from baseband filters,
measured at 125kHz baseband
fFLCLK = 2.0625MHz, fC = 31.4MHz
fFLCLK = 1.25MHz, fC = 19.3MHz
fFLCLK = 0.5MHz, fC = 8MHz
-0.5
0.5
Deviation from ideal 7th order,
Butterworth, up to 0.7
× fC
dB
Baseband Frequency Response
(Note 1)
750
CIDC_ = CQDC_ = 0.22µF
Hz
Baseband Highpass -3dB Frequency
(Note 1)
23
fIN_BAND = 100Hz to 22.5MHz,
fOUT_BAND = 67.5MHz to 112.5MHz
1.2
dB
Ratio of In-Filter-Band to Out-of-Filter-
Band Noise
RFIN+ Return Loss (Note 6)
+13
dB
10
10
%
LPF -3dB Cutoff-Frequency
Accuracy (Note 1)
-10
10
-5.5
5.5
fRFIN_ = 925MHz, ZSOURCE = 75
Ω
833
Controlled by FLCLK signal
MHz
LPF -3dB Cutoff-Frequency Range
(Note 1)
12
925MHz < f < 2175MHz, ZLOAD = 75
Ω
dB
RFOUT Return Loss (Notes 6, 10)
11
f = 2175MHz
11
f = 1550MHz
f = 2175MHz
f = 1550MHz
50
IOUT_, QOUT_
Ω
Output Real Impedance (Note 1)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
CONDITIONS
+14
fRFIN_ = 2175MHz, ZSOURCE = 75
Ω
41.5
LO 2nd Harmonic Rejection (Note 7)
32
dB
Average level of VIOUT_, VQOUT_
Average level of VIOUT_, VQOUT_
LO Half Harmonic Rejection (Note 8)
dB
-66
Measured at RFIN+
LO Leakage Power (Notes 6, 9)
dBm
RFOUT PORT (LOOPTHROUGH)
BASEBAND CIRCUITS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com