Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2106 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX2106
Description  DBS Direct Downconverter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2106 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX2106 Datasheet HTML 1Page - Maxim Integrated Products MAX2106 Datasheet HTML 2Page - Maxim Integrated Products MAX2106 Datasheet HTML 3Page - Maxim Integrated Products MAX2106 Datasheet HTML 4Page - Maxim Integrated Products MAX2106 Datasheet HTML 5Page - Maxim Integrated Products MAX2106 Datasheet HTML 6Page - Maxim Integrated Products MAX2106 Datasheet HTML 7Page - Maxim Integrated Products MAX2106 Datasheet HTML 8Page - Maxim Integrated Products MAX2106 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
General Description
The MAX2106 low-cost, direct-conversion tuner IC is
designed for use in digital direct-broadcast satellite
(DBS) television set-top box units and is a pin-for-pin
upgrade for the MAX2104. Its direct-conversion archi-
tecture reduces system cost compared to devices with
IF-based architectures. The MAX2106 directly tunes L-
band signals to baseband using a broadband I/Q
downconverter. The operating frequency range spans
925MHz to 2175MHz.
The IC includes a low-noise amplifier (LNA) with gain
control, I and Q downconverting mixers, lowpass filters
with gain and frequency control, a local oscillator (LO)
buffer with a 90° quadrature network, and a charge-
pump-based phase-locked loop (PLL) for frequency
control. The MAX2106 has an on-chip LO, requiring
only an external varactor-tuned LC tank for operation.
The LO’s output drives the internal quadrature genera-
tor and has a buffer amplifier to drive off-chip circuitry.
The MAX2106 comes in a 48-pin thin quad flat-pack
package with exposed paddle (EP).
Applications
Advantages Over MAX2104
o Improved Front End Achieves 10.2dB NF at 1550MHz
o Higher Input IIP3: 11.5dBm at 1550MHz
o Reduced Spurious Downconversion Products
o Capable of Using an External Synthesizer
Features
o Drop-In Replacement for MAX2104 Designs:
Requires Only Minor Software Upgrade and
Two External Resistor Value Changes
o Complete Low-Cost Solution for DBS Direct
Downconversion
o High Level of Integration Minimizes Component
Count
o 1MBaud to 45MBaud Operation
o Selectable LO Buffer
o +5V Single-Supply Operation
o 925MHz to 2175MHz Input Frequency Range
o On-Chip Quadrature Generator, Dual-Modulus
Prescaler (/32, /33)
o On-Chip Crystal Oscillator Amplifier
o PLL Phase Detector with Gain-Controlled Charge
Pump
o Input Levels: -25dBm to -68dBm per Carrier
o Over 50dB Gain Control Range
o Noise Figure = 10.2dB; IIP3 = +11.5dBm
(at 1550MHz)
o Automatic Baseband Offset Correction
DBS Direct Downconverter
________________________________________________________________ Maxim Integrated Products
1
19-1627; Rev 2; 6/03
Functional Diagram appears at end of data sheet.
Ordering Information
Pin Configuration
*Exposed paddle.
48 TQFP-EP*
PIN-PACKAGE
TEMP RANGE
0°C to +85°C
MAX2106UCM
PART
PLLIN-
PLLIN+
MOD-
MOD+
LODIVSEL
IOUT+
IOUT-
VCC
QOUT+
QOUT-
RFBAND
FLCLK
VCC
CFLT
XTL-
XTL+
GND
VCC
RFIN-
RFIN+
GND
GND
QDC-
QDC+
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
TQFP
MAX2106
TOP VIEW
U.S. DSS Set-Top Receivers
European DVB-Compliant
Systems
Cellular Base Stations
Wireless Local Loop
Broadband Systems
LMDS
Professional Receivers
VSAT
Microwave Links
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - MAX2106

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2106 MAXIM-MAX2106 Datasheet
188Kb / 10P
DBS Direct Downconverter
Rev 3; 6/05
MAX2106UCM MAXIM-MAX2106UCM Datasheet
188Kb / 10P
DBS Direct Downconverter
Rev 3; 6/05
MAX2106UCM+ MAXIM-MAX2106UCM+ Datasheet
188Kb / 10P
DBS Direct Downconverter
Rev 3; 6/05
MAX2106 MAXIM-MAX2106_05 Datasheet
188Kb / 10P
DBS Direct Downconverter
Rev 3; 6/05
More results

Similar Description - MAX2106

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2027Q SONY-CXD2027Q Datasheet
465Kb / 32P
DBS Audio Signal Processor
logo
Maxim Integrated Produc...
MAX2102 MAXIM-MAX2102 Datasheet
151Kb / 16P
Direct-Conversion Tuner ICs for Digital DBS Applications
19-1256; Rev 2; 10/98
MAX2104 MAXIM-MAX2104 Datasheet
148Kb / 9P
Direct-Conversion Tuner IC for Digital DBS Applications
19-1431; Rev 3; 12/01
logo
Mitel Networks Corporat...
SL1710 MITEL-SL1710 Datasheet
508Kb / 12P
Quadrature Downconverter
logo
Maxim Integrated Produc...
MAX2116 MAXIM-MAX2116 Datasheet
314Kb / 15P
Complete DBS Direct-Conversion Tuner ICs with Monolithic VCOs
Rev 2; 3/05
logo
Eudyna Devices Inc
FMM5107MLT4E1 EUDYNA-FMM5107MLT4E1 Datasheet
237Kb / 3P
MMIC X/Ku-Band DBS Downconverter
logo
Maxim Integrated Produc...
MAX2104 MAXIM-MAX2104_05 Datasheet
186Kb / 9P
Direct-Conversion Tuner IC for Digital DBS Applications
Rev 4; 6/05
MAX2106 MAXIM-MAX2106_05 Datasheet
188Kb / 10P
DBS Direct Downconverter
Rev 3; 6/05
logo
Emcore Corporation
2990PRO EMCORE-2990PRO Datasheet
78Kb / 2P
DBS L-Band Transport
logo
Maxim Integrated Produc...
MAX2116 MAXIM-MAX2116_V01 Datasheet
264Kb / 16P
Complete DBS Direct-Conversion Tuner ICs with Monolithic VCOs
2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com