Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2106 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX2106
Description  DBS Direct Downconverter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2106 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX2106 Datasheet HTML 1Page - Maxim Integrated Products MAX2106 Datasheet HTML 2Page - Maxim Integrated Products MAX2106 Datasheet HTML 3Page - Maxim Integrated Products MAX2106 Datasheet HTML 4Page - Maxim Integrated Products MAX2106 Datasheet HTML 5Page - Maxim Integrated Products MAX2106 Datasheet HTML 6Page - Maxim Integrated Products MAX2106 Datasheet HTML 7Page - Maxim Integrated Products MAX2106 Datasheet HTML 8Page - Maxim Integrated Products MAX2106 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DBS Direct Downconverter
_______________________________________________________________________________________
5
Note 1:
Minimum and maximum values are guaranteed by design and characterization over supply voltage.
Note 2
Driving differential load of 10k
Ω || 15pF.
Note 3:
Two signals are applied to RFIN_ at fLO - 100MHz and fLO - 199MHz. VGC2 = 1V, VGC1 is set so that the baseband out-
puts are at 590mVp-p. IM products are measured at baseband outputs but are referred to RF inputs.
Note 4:
Two signals are applied to RFIN_ at 1200MHz and 2150MHz. VGC2 = 1V, VGC1 is set so that the baseband outputs are at
590mVp-p. IM products are measured at baseband outputs but are referred to RF inputs.
Note 5:
PRFIN_ = -40dBm so that front-end IM contributions are minimized.
Note 6:
Using L64733/L64734 demo board from LSI Logic.
Note 7:
Downconverted level, in dBc, of carrier present at fLO
× 2, fLO = 1180MHz, fVCO = 590MHz, VRFBAND = unconnected (see
histogram plots).
Note 8:
Downconverted level, in dBc, of carrier present at fO / 2, fLO = 2175MHz, fVCO = 1087.5MHz, VRFBAND = 2.4V.
Note 9:
Leakage is dominated by board parasitics.
Note 10: VCPG1 = VCPG2 = VRFBAND = VINSEL = 0.5V, ƒLCLK = 0.5MHz.
Note 11: Guaranteed by design and characterization over supply and temperature.
Note 12: Measured at tuned frequency with PLL locked. PLL loop bandwidth = 3kHz. All phase noise measurements assume tank
components have a Q > 50.
AC ELECTRICAL CHARACTERISTICS (continued)
(IC driven single-ended with RFIN- AC-terminated in 75
Ω to GND, VCC = +4.75V to +5.25V, VIOUT_ = VQOUT_ = 0.59Vp-p,
CIOUT_ = CQOUT_ = 10pF, ƒLCLK = 2MHz, RIOUT_ = RQOUT_ = 10k
Ω, VLOBUFSEL = 0.5V, VRFBAND = VINSEL = VCPG1 = VCPG2 = +2.4V,
VPLLIN+ = VMOD+ = +1.3V, VPLLIN- = VMOD- = +1.1V, TA = +25°C, unless otherwise noted. Typical values are at VCC = +5V.)
LOCAL OSCILLATOR
SYNTHESIZER
-96
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
At 100kHz offset, fLO = 2175MHz
dBc/Hz
LO Phase Noise (Notes 6, 12)
-75
At 10kHz offset, fLO = 2175MHz
58
0
Figure 1
fRFIN = 2175MHz
dB
RFIN+ to LO Input Isolation (Note 9)
-60
590
1180
MHz
LO Tuning Range (Note 11)
ns
4
7.26
MHz
Crystal Frequency Range (Note 1)
0.75
1
1.5
Load = 10pF || 10k
Ω, fXTLOUT = 6MHz
Vp-p
XTLOUT Output Voltage Swing
At 1kHz offset, fLO = 2175MHz
MOD+, MOD- Hold Time (Note 1)
tHM
7
Figure 1
CONDITIONS
ns
MOD+, MOD- Setup Time (Note 1)
tSUM
70
VLOBUFSEL
≥ 2.4V,
fLO = 925 MHz + 2175MHz
VRMS
LO Buffer Output Voltage (Note 1)
SYNTHESIZER
LOCAL OSCILLATOR



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com