Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2106 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX2106
Description  DBS Direct Downconverter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2106 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX2106 Datasheet HTML 1Page - Maxim Integrated Products MAX2106 Datasheet HTML 2Page - Maxim Integrated Products MAX2106 Datasheet HTML 3Page - Maxim Integrated Products MAX2106 Datasheet HTML 4Page - Maxim Integrated Products MAX2106 Datasheet HTML 5Page - Maxim Integrated Products MAX2106 Datasheet HTML 6Page - Maxim Integrated Products MAX2106 Datasheet HTML 7Page - Maxim Integrated Products MAX2106 Datasheet HTML 8Page - Maxim Integrated Products MAX2106 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DBS Direct Downconverter
_______________________________________________________________________________________
3
DC ELECTRICAL CHARACTERISTICS (continued)
(VCC = +4.75V to +5.25V, VFB = +2.4V, CIOUT_ = CQOUT_ = 10pF, ƒFLCLK = 2MHz, RFIN_ = unconnected, RIOUT_ = RQOUT_ = 10k
Ω,
VLOBUFSEL = 0.5V, VRFBAND = VINSEL = VCPG1 = VCPG2 = +2.4V, VPLLIN+ = VMOD+ = +1.3V, VPLLIN- = VMOD- = +1.1V, TA = +25°C,
unless otherwise noted. Typical values are at VCC = +5V, unless otherwise noted.)
AC ELECTRICAL CHARACTERISTICS
(IC driven single-ended with RFIN- AC-terminated in 75
Ω to GND, VCC = +4.75V to +5.25V, VIOUT_ = VQOUT_ = 0.59Vp-p,
CIOUT_ = CQOUT_ = 10pF, ƒLCLK = 2MHz, RIOUT_ = RQOUT_ = 10k
Ω, VLOBUFSEL = 0.5V, VRFBAND = VINSEL = VCPG1 = VCPG2 = +2.4V,
VPLLIN+ = VMOD+ = +1.3V, VPLLIN- = VMOD- = +1.1V, TA = +25°C, unless otherwise noted. Typical values are at VCC = +5V.)
VCPG1
≤ 0.5V, VCPG2 ≤ 0.5V
VCPG1
≤ 0.5V, VCPG2 ≥ 2.4V
CONDITIONS
-0.12
-0.1
-0.08
Charge-Pump Output Low
Measured at FB
-0.36
-0.3
-0.24
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
VCPG1
≥ 2.4V, VCPG2 ≤ 0.5V
VCPG1
≥ 2.4V, VCPG2 ≥ 2.4V
-0.72
-0.6
-0.48
mA
-2.16
-1.8
-1.44
VGC_ = 1V to 4V
-50
50
IGC_
Input Current
µA
Charge-Pump Output Current
Matching Positive to Negative
%
Measured at FB
-5
5
Charge-Pump Output Leakage
nA
Measured at FB
-25
25
Offset Voltage (Note 1)
mV
Differential Output Voltage
Swing
Vp-p
RL = 2k
Ω differential
1
Common-Mode Output Voltage
(Note 1)
V
0.65
0.85
-50
50
Charge-Pump Output Current
Drive (Note 1)
µA
Measured at CP
100
fRFIN_
RFIN_ Input Frequency Range
MHz
CONDITIONS
NF
Noise Figure
dB
fRFIN_ = 1550MHz,
VGC1 = 1V, VGC2
adjusted 0.59Vp-p
baseband level
10.2
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Inferred by quadrature gain and
phase-error test
925
2175
dBm
RFIN_ Input Power for 0.59Vp-p
Baseband Levels
dBm
-25
Single
carrier
-68
IP3RFIN_
RFIN_ Input Third-Order Intercept
Point (Note 3)
dBm
PRFIN_ = -25dBm
per tone
10.5
10.5
11.5
IP2RFIN_
RFIN_ Input Second-Order Intercept
(Note 4)
dBm
PRFIN_ = -25dBm per tone,
fLO = 951MHz
17
P1dBOUT
Output-Referred 1dB Compression
Point (Note 5)
dBV
PRFIN_ = -40dBm,
signals within filter bandwidth
2
ANALOG CONTROL INPUTS (GC1, GC2)
BASEBAND OUTPUTS (IOUT+, IOUT-, QOUT+, QOUT-)
VGC1 = VGC2 = +4V (min gain)
VGC1 = VGC2 = +1V (max gain)
fLO = 2175MHz
fLO = 1550MHz
fLO = 950MHz
dBm
PRFIN_ = -65dBm
per tone
-30
-29
-26
fLO = 2175MHz
fLO = 1550MHz
fLO = 950MHz
RF FRONT END
PRFIN_ = -65dBm
dB
44.8
PRFIN_ = -25dBm



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com