Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRDM982 Datasheet(PDF) 16 Page - International Rectifier

Part # IRDM982
Description  Dynamic overcurrent limit per temperature
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRDM982 Datasheet(HTML) 16 Page - International Rectifier

Back Button IRDM982_15 Datasheet HTML 12Page - International Rectifier IRDM982_15 Datasheet HTML 13Page - International Rectifier IRDM982_15 Datasheet HTML 14Page - International Rectifier IRDM982_15 Datasheet HTML 15Page - International Rectifier IRDM982_15 Datasheet HTML 16Page - International Rectifier IRDM982_15 Datasheet HTML 17Page - International Rectifier IRDM982_15 Datasheet HTML 18Page - International Rectifier IRDM982_15 Datasheet HTML 19Page - International Rectifier IRDM982_15 Datasheet HTML 20Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
IRDM982 Series
16 www.irf.com
© 2015 International Rectifier
April 8, 2015
The following Figures show the VSP input mapping, the Hall sensor input circuit, and the ISENSE pin input
filter circuit.
100%
(ADC=511)
0%
(ADC=199)
2.1V
5.4V
VSP
VMOD
6.0V
Figure 12 VSP Range and Thresholds
HALL1,2,3+
900kohm
900kohm
1.8pF
HALL1,2,3-
High Gain
OP amp
Hysteresis
comparator
Hyst: 75 mV typ
Gain: 80dB typ
Figure 13 Hall sensor input circuit
Super Clamp
ESD diode
High Side
PWM Off/Low
side all on
or
PWM all off
Dynamic threshold
Hardware
comparator
COM
VSS
VCC
25kW
25kW
25k W
25kW
5V zener
500K
2pF
Figure 14 COM pin current limit comparator and analog filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com