Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRDM982 Datasheet(PDF) 9 Page - International Rectifier

Part # IRDM982
Description  Dynamic overcurrent limit per temperature
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRDM982 Datasheet(HTML) 9 Page - International Rectifier

Back Button IRDM982_15 Datasheet HTML 5Page - International Rectifier IRDM982_15 Datasheet HTML 6Page - International Rectifier IRDM982_15 Datasheet HTML 7Page - International Rectifier IRDM982_15 Datasheet HTML 8Page - International Rectifier IRDM982_15 Datasheet HTML 9Page - International Rectifier IRDM982_15 Datasheet HTML 10Page - International Rectifier IRDM982_15 Datasheet HTML 11Page - International Rectifier IRDM982_15 Datasheet HTML 12Page - International Rectifier IRDM982_15 Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
IRDM982 Series
9 www.irf.com
© 2015 International Rectifier
April 8, 2015
ESD structure
VZ=5V
25Kohm
25Kohm
25Kohm
25Kohm
VSP
VZ=10V
150k ohm +/-40%
VSS
VZ=5V
500k ohm +/-30%
COM
VZ=25V
VZ=25V
VSS
VCC
VSS
PSEL
DIR
VZ=5V
12k ohm +/-30%
70ohm +/-30%
3.3V
Vh+=2.0V
Vh-=1.0V
33VCAP
VSS
3.3V ESD
CLAMP
VCC
VSS
COM
VSP
DIR
EFF
VSS
COM
VDD
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com