Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRDM982 Datasheet(PDF) 3 Page - International Rectifier

Part # IRDM982
Description  Dynamic overcurrent limit per temperature
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRDM982 Datasheet(HTML) 3 Page - International Rectifier

  IRDM982_15 Datasheet HTML 1Page - International Rectifier IRDM982_15 Datasheet HTML 2Page - International Rectifier IRDM982_15 Datasheet HTML 3Page - International Rectifier IRDM982_15 Datasheet HTML 4Page - International Rectifier IRDM982_15 Datasheet HTML 5Page - International Rectifier IRDM982_15 Datasheet HTML 6Page - International Rectifier IRDM982_15 Datasheet HTML 7Page - International Rectifier IRDM982_15 Datasheet HTML 8Page - International Rectifier IRDM982_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
IRDM982 Series
3 www.irf.com
© 2015 International Rectifier
April 8, 2015
Introduction
IRDM982-025MB, IRDM982-035MB are the complete PM motor controller including six power
MOSFET, high voltage integrated circuit, high precision analog circuit and digital control
algorithm. There are three products depending on power rating of internal high voltage MOSFET
listed below:
1) IRDM982-025MB – employs six MOSFET 500V 2A and 600V high voltage IC
2) IRDM982-035MB – employs six MOSFET 500V 3A and 600V high voltage IC
All two products are packaged in the 12 x 12 PQFN package and designed to dissipate the power
loss through a mating PCB without an external heatsink. All two products contain exactly same
control algorithm and analog functions. The controller implements a Hall sensor based control
algorithm for 3-phase sinusoidal permanent magnet motor fan applications. The control also
employs high efficiency PM motor control algorithm based on a quadratic load curve stored in
internal ROM. 16 possible curves are selectable.
All devices have an on-chip voltage regulator to derive the 3.3V, required by the digital logic, from
the 15V (VCC) supply. The 3.3VDC regulated voltage pin is available externally for connection to
Hall-effect sensors. The IC provides low power standby (less than 7mW) mode of operation that
3.3V power is cut off when VSP (Voltage Input) becomes less than 1.15V to provide further power
efficient operation.
An integrated A/D Converter is used to acquire EFF load curve selection, temperature (internal
temp sensing), and the VSP input that sets the voltage applied to the motor.
An internal temperature sensor is interfaced to the ADC and resulting digital conversion data is
used to control the dynamic overcurrent setpoints as well as max overtemperature limit.
The protection functions include a supply under-voltage lockout (3.3V and 15VDC), over-speed
protection, over-temperature limit and Over-current limitation protections. The reset circuitry
includes a Power-On reset block and a reset input.
All devices do not require any programming. Default coefficients and system parameters are
stored in internal ROM. The EFF input pin, used to adapt to specific motor and load to improve
efficiency, can be used by means of two resistor pairs to choose one of 16 pre-stored load curves
in ROM. DIR is a digital input pins which specify the motor direction command (CW or CCW).
All devices have an on-chip PLL to generate internal clocks. The PLL requires an external low
frequency reference clock (32,768 Hz). The clock can be provided through an RC network
connected to CLKIN and XTAL pins.
The IRDM982-025MB, IRDM982-035MB integrate high and low side gate drivers for applications
up to 500V, it includes integrated Bootstrap FET that emulate bootstrap diode function and six
power MOSFETs. The simplified block diagram is shown in Figure 1 in terms of hardware
elements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com