Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRDM982 Datasheet(PDF) 8 Page - International Rectifier

Part # IRDM982
Description  Dynamic overcurrent limit per temperature
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRDM982 Datasheet(HTML) 8 Page - International Rectifier

Back Button IRDM982_15 Datasheet HTML 4Page - International Rectifier IRDM982_15 Datasheet HTML 5Page - International Rectifier IRDM982_15 Datasheet HTML 6Page - International Rectifier IRDM982_15 Datasheet HTML 7Page - International Rectifier IRDM982_15 Datasheet HTML 8Page - International Rectifier IRDM982_15 Datasheet HTML 9Page - International Rectifier IRDM982_15 Datasheet HTML 10Page - International Rectifier IRDM982_15 Datasheet HTML 11Page - International Rectifier IRDM982_15 Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
IRDM982 Series
8 www.irf.com
© 2015 International Rectifier
April 8, 2015
IRDM982-025MB/-035MB Electrical Characteristics
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage
parameters are absolute voltages referenced to VSS unless otherwise stated in the table. The thermal resistance and
power dissipation ratings are measured under board mounted and still air conditions.
Ta=25C, unless otherwise stated.
Symbol
Definition
Min.
Max.
Units
Condition
VISO
Isolation voltage
1500
-
Vrms
AC 1 minute
1800
-
AC 1 second
DCBUS
DC bus voltage
-
500
V
IRDM982-025MB
IRDM982-035MB
-
630
IRDM982-025MB
IRDM982-035MB
10usec
1)
DCBUSSTAT
DC bus voltage for PWM off
1)
-
900
IRDM982-025MB
IRDM982-035MB
VSP=0V, 1 minute,
CO1=CO2
2)
VBU, VBV,
VBW
High-side floating absolute voltage
-0.3
525
VSU, VSV,
VSW
High-side floating supply offset voltage
VB - 25
VB + 0.3
VCC
Low side power supply absolute voltage
-0.3
24
Drain current, IRDM982-035MB
-
3.9
A
Tc=25°C, Rth=2C/W
Drain current, IRDM982-025MB
-
2.6
Tc=25°C, Rth=3C/W
IVDD
VDD current capability
-
2
mA
TW=1ms
IVSP
VSP input current
-
5
COM
Power Ground
VCC -
24
VCC +
0.3
V
VHCOM
Hall Sensor input common mode voltage
-0.3
VDD
VPG
Open drain output motor evolution pulse
-0.3
VCC+0.3
VVSP
Analog input voltage VSP
-0.3
10.0
VDIR
VEFF
Direction, Efficiency curve pins input
voltage
-0.3
VDD+0.3
VDD
3.3V voltage regulator output
-0.3
3.6
No short to ground
PD
Package power dissipation @ Tc
≤ +100
°C
1)
-
5
W
TJ
Junction temperature
1)
-
150
°C
TS
Storage temperature
1)
-55
150
TL
Lead temperature (soldering, 10
seconds)
1)
-
260
1) Guarantee by design, not tested at manufacturing
2) Output capacitance between VB-VS and VS-COM are same within +/-1%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com