Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRDM982 Datasheet(PDF) 1 Page - International Rectifier

Part # IRDM982
Description  Dynamic overcurrent limit per temperature
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRDM982 Datasheet(HTML) 1 Page - International Rectifier

  IRDM982_15 Datasheet HTML 1Page - International Rectifier IRDM982_15 Datasheet HTML 2Page - International Rectifier IRDM982_15 Datasheet HTML 3Page - International Rectifier IRDM982_15 Datasheet HTML 4Page - International Rectifier IRDM982_15 Datasheet HTML 5Page - International Rectifier IRDM982_15 Datasheet HTML 6Page - International Rectifier IRDM982_15 Datasheet HTML 7Page - International Rectifier IRDM982_15 Datasheet HTML 8Page - International Rectifier IRDM982_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
IRDM982 Series
1 www.irf.com
© 2015 International Rectifier
April 8, 2015
IRDM982 Series - IRDM982-025MB, IRDM982-035MB
Complete Motion Controller Module for PM AC fan
Features
•
Complete 250V - 500V 3-phase inverter system in one
chip
•
No heatsink required
•
Permanent Magnet Sinusoidal Motors Control by Hall
sensors
•
Selectable 4 or 12 pulse output per revolution
1)
•
High efficiency control by quadratic phase advance curve
•
Internal clock based on external RC
•
15V single power supply
•
3.3V Integrated Voltage Regulator
•
Dynamic overcurrent limit per temperature
•
Overtemperature control
•
Overspeed protection
•
Rotor lock detection/protection
•
Full Three Phase Gate Driver
•
Integrated Bootstrap Diodes
•
Undervoltage lockout
Typical Applications
•
Fan motor control
Product Summary
Topology
3 Phase AC
VOFFSET
≤ 500 V for IRDM982-025MB,
IRDM982-035MB
Control
Phase Advancement control
Feedback
DC Bus shunt, 3 Hall sensor
Temperature
sensor
Integrated
Package
12mm x 12mm PQFN
IRDM982-025MB
IRDM982-035MB
High Voltage
Smart IC
VCC
HALL1+
HALL1-
HALL2+
HALL2-
HALL3+
HALL3-
VSP
VBU
VBV
VBW
VBUS
VSS
U
V
W
PG
COM
EFF
XTAL
CLKIN
VDD
DCBUS+
DCBUS-
PG
VSP
Hall Sensor
15V
PGSEL
DIR
DIR
1) When used with 8 poles motor. In general it is 1 pulse / 3 pulses per electrical revolution.


Similar Part No. - IRDM982_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRDM983 INFINEON-IRDM983 Datasheet
2Mb / 29P
iMOTION??Motion Controller Module for PM AC Fan
Revision 1.2 2016-08-19
IRDM983-025MB INFINEON-IRDM983-025MB Datasheet
2Mb / 29P
iMOTION??Motion Controller Module for PM AC Fan
Revision 1.2 2016-08-19
IRDM983-035MB INFINEON-IRDM983-035MB Datasheet
2Mb / 29P
iMOTION??Motion Controller Module for PM AC Fan
Revision 1.2 2016-08-19
More results

Similar Description - IRDM982_15

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC626 TELCOM-TC626 Datasheet
33Kb / 2P
TEMPERATURE LIMIT SWITCH
logo
EPCOS
B59008C0060A040 EPCOS-B59008C0060A040 Datasheet
73Kb / 4P
Limit Temperature Sensors, Leaded Disks
B59901 EPCOS-B59901 Datasheet
69Kb / 4P
Sensors Limit Temperature Sensors, Probe Assemblies
B59300 EPCOS-B59300 Datasheet
271Kb / 11P
PTC thermistors as limit temperature sensors
B59401A0105A062 EPCOS-B59401A0105A062 Datasheet
526Kb / 18P
PTC thermistors as limit temperature sensors
B59901 EPCOS-B59901_09 Datasheet
241Kb / 9P
PTC thermistors as limit temperature sensors
logo
Texas Instruments
TPS22980 TI1-TPS22980 Datasheet
739Kb / 18P
3.3V TO 18V MUX with Overcurrent Limit
logo
EPCOS
B59721A110A62 EPCOS-B59721A110A62 Datasheet
855Kb / 37P
PTC thermistors as limit temperature sensors
B59100M1110A70 EPCOS-B59100M1110A70 Datasheet
271Kb / 11P
PTC thermistors as limit temperature sensors
logo
Integrated Silicon Solu...
IS31AP2110-ZLS2-TR ISSI-IS31AP2110-ZLS2-TR Datasheet
420Kb / 19P
20W STEREO CLASS-D AUDIO AMPLIFIER WITH POWER LIMIT AND DYNAMIC TEMPERATURE CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com