Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRDM982 Datasheet(PDF) 13 Page - International Rectifier

Part # IRDM982
Description  Dynamic overcurrent limit per temperature
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRDM982 Datasheet(HTML) 13 Page - International Rectifier

Back Button IRDM982_15 Datasheet HTML 9Page - International Rectifier IRDM982_15 Datasheet HTML 10Page - International Rectifier IRDM982_15 Datasheet HTML 11Page - International Rectifier IRDM982_15 Datasheet HTML 12Page - International Rectifier IRDM982_15 Datasheet HTML 13Page - International Rectifier IRDM982_15 Datasheet HTML 14Page - International Rectifier IRDM982_15 Datasheet HTML 15Page - International Rectifier IRDM982_15 Datasheet HTML 16Page - International Rectifier IRDM982_15 Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
IRDM982 Series
13 www.irf.com
© 2015 International Rectifier
April 8, 2015
VROCKILIM
Current Limit input voltage at Rotor Lock
200
250
300
VILIMHYS
Current Limit Input voltage hysteresis
-
60
-
TOT+
Positive going overtemperature limit
130
140
150
°C
TOT-
Negative going overtemperature limit
95
105
115
TAC
Temp sensor absolute accuracy
0
-
12
TES
Temp sensor resolution
1)
0
-
3.25
ICC
Vcc current
-
13
24
mA
ICCSTDBY
Vcc current at standby
-
0.10
0.20
IVDD
3.3V output current
-
-
2
CVDD
External capacitor for VDD
1)
2.2
-
22
uF
PWMRES
PWM pulse width resolution
-
500
-
Counts 100ns resolution
MODRESINT
Internal modulator amplitude resolution
1)
-
1686
-
Fc
PWM carrier frequency
19.6
20
20.4
kHz
CLKIN=32.768kHz
FXTAL
XTAL pin frequency
1)
29.6
30.3
30.9
R=75kohm, C=270pF
32.2
32.8
33.5
R=40.2kohm,
C=470pF
RBS
Ron internal bootstrap diode
-
220
-
Ω
PDSTBY
Standby power dissipation
-
1.5
3.0
mW
VSP<1.15V,
DCBUS=0V
IDRV+
Internal driver gate drive sourcing current
1)
6
mA
VDRV =0 V,
PW ≤10 µs
IDRV-
Internal driver gate drive sinking current
1)
-
160
-
VDRV =15 V,
PW ≤10 µs
RONSPDFBK
Ron of SPDFBK pin
-
50
100
Ω
Rthj-c
Thermal resistance, junction to case
1)
-
3
-
°C /W
IRDM982-025MB
-
2
-
IRDM982-035MB
1)
Guaranteed by design, not tested at manufacturing
2)
Tested at wafer probe
3)
VILIM1,2,3 thresholds are tested at 25 degC. Temperature range is based on characterization only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com