Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX385C/D Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX385C/D
Description  Precision, Low-Voltage Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX385C/D Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX385C/D Datasheet HTML 4Page - Maxim Integrated Products MAX385C/D Datasheet HTML 5Page - Maxim Integrated Products MAX385C/D Datasheet HTML 6Page - Maxim Integrated Products MAX385C/D Datasheet HTML 7Page - Maxim Integrated Products MAX385C/D Datasheet HTML 8Page - Maxim Integrated Products MAX385C/D Datasheet HTML 9Page - Maxim Integrated Products MAX385C/D Datasheet HTML 10Page - Maxim Integrated Products MAX385C/D Datasheet HTML 11Page - Maxim Integrated Products MAX385C/D Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Precision, Low-Voltage Analog Switches
_______________________________________________________________________________________
9
VGEN
GND
CL
1.0nF
VOUT
0V
-5V
V-
V+
RGEN
VOUT
IN
ON
OFF
ON
∆VOUT
Q = (
∆VOUT) (CL)
+5V
COM
NC or NO
MAX381
MAX383
MAX385
Figure 4. Charge-Injection Test Circuit
50%
tOFF
tr < 20ns
tf < 20ns
VOUT
VOUT
tON
0.9 x VOUT
0.9 x VOUT
+3V
0V
0V
LOGIC
INPUT
SWITCH
OUTPUT
LOGIC INPUT WAVEFORM IS INVERTED FOR
SWITCHES THAT HAVE THE OPPOSITE LOGIC
SENSE CONTROL.
+5V
VOUT
RL = 1000Ω
CL = 35pF
-5V
REPEAT TEST FOR EACH SWITCH
0V
GND
LOGIC
INPUT
VCOM = +3V (for tON)
VCOM = -3V (for tOFF)
FOR LOAD CONDITIONS, SEE
Electrical Characteristics.
CL INCLUDES FIXTURE AND STRAY CAPACITANCE.
VOUT = VCOM
RL
RL + RON
V+
V-
COM
IN
NC or NO
(
)
MAX381
MAX383
MAX385
50%
VOUT1
VOUT2
0.9 x VOUT
+3V
0V
0V
LOGIC
INPUT
SWITCH
OUTPUT 1
SWITCH
OUTPUT 2
+5V
V+
V-
-5V
CL INCLUDES FIXTURE AND STRAY CAPACITANCE.
LOGIC 0 INPUT
0V
GND
LOGIC
INPUT
0V
0.9 x VOUT
tD
tD
IN
RL2
CL2
VOUT2
RL1
VOUT1
CL1
RL = 1000Ω
CL = 35pF
COM
COM
NC
NO
MAX383
VCOM = +3V
VCOM = +3V
Figure 2. Switching-Time Test Circuit
Figure 3. Break-Before-Make Test Circuit (MAX383 only)
______________________________________________Test Circuits/Timing Diagrams



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com