Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX385C/D Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX385C/D
Description  Precision, Low-Voltage Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX385C/D Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX385C/D Datasheet HTML 1Page - Maxim Integrated Products MAX385C/D Datasheet HTML 2Page - Maxim Integrated Products MAX385C/D Datasheet HTML 3Page - Maxim Integrated Products MAX385C/D Datasheet HTML 4Page - Maxim Integrated Products MAX385C/D Datasheet HTML 5Page - Maxim Integrated Products MAX385C/D Datasheet HTML 6Page - Maxim Integrated Products MAX385C/D Datasheet HTML 7Page - Maxim Integrated Products MAX385C/D Datasheet HTML 8Page - Maxim Integrated Products MAX385C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Precision, Low-Voltage Analog Switches
2
_______________________________________________________________________________________
Voltage Referenced to GND
V+ .......................................................................-0.3V to +17V
V- ........................................................................+0.3V to -17V
V+ to V-...............................................................-0.3V to +17V
COM_, NO_, NC_, IN_ ................(V- - 2V) to (V+ + 2V) or 30mA,
whichever occurs first
Continuous Current, any pin ...............................................30mA
Peak Current, any pin
(pulsed at 1ms, 10% duty cycle max) ..........................100mA
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 10.53mW/°C above+70°C) ...........842mW
Narrow SO (derate 8.70mW/°C above +70°C) ............696mW
CERDIP (derate 10.00mW/°C above +70°C) ...............800mW
Operating Temperature Ranges
MAX38_C_ E .......................................................0°C to +70°C
MAX38_E_ E ....................................................-40°C to +85°C
MAX38_MJE ..................................................-55°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
ELECTRICAL CHARACTERISTICS—Dual Supplies
(V+ = +5V ±10%, V- = -5V ±10%, GND = 0V, VINH = 2.4V, VINL = 0.8V, TA = TMIN to TMAX, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1:
Signals on NC, NO, COM, or IN exceeding V+ or V- are clamped by internal diodes. Limit forward diode current to
maximum current rating.
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
MIN
TYP
MAX
(Note 2)
UNITS
On-Resistance
RON
C, E, M
Ω
20
35
0.5
2
Ω
On-Resistance Match Between
Channels (Note 4)
∆RON
Analog Signal Range
VCOM,
VNO,
VNC
V-
V+
V
On-Resistance Flatness
(Note 4)
RFLAT(ON)
4
Ω
-0.2
-0.01
0.2
NC or NO Off Leakage Current
(Note 5)
INC(OFF)
or
INO(OFF)
nA
-2.5
2.5
VNC or VNO = 3V, 0V,
-3V; ICOM = -10mA,
V+ = 5V; V- = -5V
V+ = 4.5V, V- = -4.5V,
VNC or VNO = ±3.5V,
ICOM = -10mA,
VINH = 2.4V,
VINL = 0.8V
VNC or VNO = ±3V,
ICOM = -10mA,
V+ = 5V, V- = -5V
VCOM = ±4.5V,
VNC or VNO = +4.5V,
V+ = 5.5V,V- = -5.5V
(Note 3)
TA =
+25°C
TA =
+25°C
TA =
+25°C
TA = TMIN
to TMAX
TA =
+25°C
TA = TMIN
to TMAX
C, E
TA = TMIN
to TMAX
TA = TMIN
to TMAX
M
4
6
-5.0
5.0
C, E
M
20
30
CONDITIONS
TEMP.
RANGE
C, E, M
C, E, M
C, E, M
C, E, M
C, E
-0.1
-0.01
0.1
M
-0.2
-0.01
0.2
COM Off Leakage Current
(Note 5)
ICOM(OFF)
nA
-2.5
2.5
VCOM = ±4.5V,
VNC or VNO = +4.5V,
V+ = 5.5V, V- = -5.5V
TA =
+25°C
TA = TMIN
to TMAX
C, E
M
-5.0
5.0
C, E
-0.1
-0.01
0.1
M
-0.4
-0.04
0.4
COM On Leakage Current
(Note 5)
ICOM(ON)
nA
-5.0
5.0
VCOM = ±4.5V,
VNC or VNO = ±4.5V,
V+ = 5.5V, V- = -5.5V
TA =
+25°C
TA = TMIN
to TMAX
C, E
M
-20.0
20.0
C, E
-0.2
-0.04
0.2
M
SWITCH
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com