Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX385C/D Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX385C/D
Description  Precision, Low-Voltage Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX385C/D Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX385C/D Datasheet HTML 4Page - Maxim Integrated Products MAX385C/D Datasheet HTML 5Page - Maxim Integrated Products MAX385C/D Datasheet HTML 6Page - Maxim Integrated Products MAX385C/D Datasheet HTML 7Page - Maxim Integrated Products MAX385C/D Datasheet HTML 8Page - Maxim Integrated Products MAX385C/D Datasheet HTML 9Page - Maxim Integrated Products MAX385C/D Datasheet HTML 10Page - Maxim Integrated Products MAX385C/D Datasheet HTML 11Page - Maxim Integrated Products MAX385C/D Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Precision, Low-Voltage Analog Switches
10
______________________________________________________________________________________
IN
0V or 2.4V
SIGNAL
GENERATOR
+5V
C
V+
ANALYZER
CH A
CH B
NC or NO
RL
GND
VCOM
C
-5V
FREQUENCY
TESTED
1MHz
SIGNAL
GENERATOR
AUTOMATIC
SYNTHESIZER
ANALYZER
TRACKING
SPECTRUM
ANALYZER
OFF ISOLATION = 20log
VCOM
VNC or NO
V-
MAX381
MAX383
MAX385
Figure 5. Off Isolation
IN2
0V or 2.4V
SIGNAL
GENERATOR
+5V
C
ANALYZER
CH A
CH B
RL
GND
C
V-
-5V
FREQUENCY
TESTED
1MHz
SIGNAL
GENERATOR
AUTOMATIC
SYNTHESIZER
ANALYZER
TRACKING
SPECTRUM
ANALYZER
0V or 2.4V
IN
50
Ω
V+
COM
COM
NC or NO
NC OR NO
MAX381
MAX383
MAX385
Figure 6. Crosstalk Test Circuit
_________________________________Test Circuits/Timing Diagrams (continued)
V-
CAPACITANCE
METER
GND
C
-5V
IN
0V or 2.4V
C
+5V
V+
COM
MAX381
MAX383
MAX385
Figure 8. Channel-On Capacitance
V-
CAPACITANCE
METER
GND
C
-5V
IN
0V or 2.4V
C
+5V
V+
NC
or NO
COM
MAX381
MAX383
MAX385
Figure 7. Channel-Off Capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com