Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX385C/D Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX385C/D
Description  Precision, Low-Voltage Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX385C/D Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX385C/D Datasheet HTML 4Page - Maxim Integrated Products MAX385C/D Datasheet HTML 5Page - Maxim Integrated Products MAX385C/D Datasheet HTML 6Page - Maxim Integrated Products MAX385C/D Datasheet HTML 7Page - Maxim Integrated Products MAX385C/D Datasheet HTML 8Page - Maxim Integrated Products MAX385C/D Datasheet HTML 9Page - Maxim Integrated Products MAX385C/D Datasheet HTML 10Page - Maxim Integrated Products MAX385C/D Datasheet HTML 11Page - Maxim Integrated Products MAX385C/D Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Precision, Low-Voltage Analog Switches
______________________________________________________________________________________
11
__Ordering Information (continued)
* Dice are tested at TA = +25°C only.
** Contact factory for package availability.
16 CERDIP**
-55°C to +125°C
MAX383MJE
16 CERDIP**
-40°C to +85°C
MAX383EJE
16 Narrow SO
-40°C to +85°C
MAX383ESE
16 Plastic DIP
-40°C to +85°C
MAX383EPE
Dice*
0°C to +70°C
MAX383C/D
16 Narrow SO
0°C to +70°C
MAX383CSE
16 Plastic DIP
0°C to +70°C
MAX383CPE
PIN-PACKAGE
TEMP. RANGE
PART
MAX385CPE
0°C to +70°C
16 Plastic DIP
MAX385CSE
0°C to +70°C
16 Narrow SO
MAX385C/D
0°C to +70°C
Dice*
MAX385EPE
-40°C to +85°C
16 Plastic DIP
MAX385ESE
-40°C to +85°C
16 Narrow SO
MAX385EJE
-40°C to +85°C
16 CERDIP**
MAX385MJE
-55°C to +125°C
16 CERDIP**
___________________Chip Topography
V-
COM4
(MAX383/MAX385)
0.096"
(2.44mm)
0.067"
(1.7mm)
COM2
NO2
IN2
V+
COM3
(MAX383/MAX385)
COM1
NO1
IN1
NC3
(MAX383)
NO3
(MAX385)
NC4
(MAX383)
NO4
(MAX385)
GND
TRANSISTOR COUNT: 57
SUBSTRATE CONNECTED TO V+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com