Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX385C/D Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX385C/D
Description  Precision, Low-Voltage Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX385C/D Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX385C/D Datasheet HTML 2Page - Maxim Integrated Products MAX385C/D Datasheet HTML 3Page - Maxim Integrated Products MAX385C/D Datasheet HTML 4Page - Maxim Integrated Products MAX385C/D Datasheet HTML 5Page - Maxim Integrated Products MAX385C/D Datasheet HTML 6Page - Maxim Integrated Products MAX385C/D Datasheet HTML 7Page - Maxim Integrated Products MAX385C/D Datasheet HTML 8Page - Maxim Integrated Products MAX385C/D Datasheet HTML 9Page - Maxim Integrated Products MAX385C/D Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
210
6
ON-RESISTANCE vs. VCOM
AND SINGLE-SUPPLY VOLTAGE
VCOM (V)
14
04
12
816
10
70
60
50
40
110
120
100
90
80
30
20
0
V+ = 2.5V
V+ = 3V
V+ = 5V
V- = 0V
V+ = 9V
V+ = 12V
V+ = 15V
Precision, Low-Voltage Analog Switches
6
_______________________________________________________________________________________
-6
2
-2
ON-RESISTANCE vs. VCOM
AND DUAL-SUPPLY VOLTAGES
VCOM (V)
6
-8
-4
4
08
5
35
30
25
20
15
10
0
V+ = 3V, V- = -3V
V+ = 5V, V- = -5V
V+ = 8V, V- = -8V
__________________________________________Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
-5
-3
1
-1
5
ON-RESISTANCE vs. VCOM AND
TEMPERATURE (DUAL SUPPLIES)
VCOM (V)
3
-4
-2
2
04
5
35
30
25
20
15
10
0
TA = +125°C
V+ = 5V
V- = -5V
TA = +85°C
TA = +25°C
TA = -55°C
PARAMETER
SYMBOL
MIN
TYP
MAX
(Note 2)
UNITS
CONDITIONS
Input Current with Input
Voltage Low
IINL
µA
Negative Supply Current
I-
-1.0
-0.01
1.0
µA
Positive Supply Current
I+
-1.0
0.01
1.0
µA
All channels on or off, VIN = 0V or V+,
V+ = 3.6V, V- = 0V
All channels on or off, VIN = 0V or V+,
V+ = 3.6V, V- = 0V
VIN = 0.8V, all others = 2.4V
-1.0
0.005
1.0
ELECTRICAL CHARACTERISTICS—Single +3.3V Supply (continued)
(V+ = 3.0V to 3.6V, GND = 0V, VINH = 2.4V, VINL = 0.8V, TA = TMIN to TMAX, unless otherwise noted.)
Power-Supply Range
V+
2.7
16
V
Input Current with Input
Voltage High
IINH
µA
VIN = 2.4V, all others = 0.8V
-1.0
0.005
1.0
Turn-On Time (Note 3)
tON
400
ns
VCOM = 1.5V, Figure 2
Turn-Off Time (Note 3)
tOFF
150
ns
VCOM = 1.5V, Figure 2
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
Break-Before-Make Time
Delay (Note 3)
Charge Injection (Note 3)
VCTE
15
pC
CL = 1.0nF,
VGEN = 0V, RGEN = 0Ω
tD
10
20
ns
MAX383 only
DIGITAL LOGIC INPUT
DYNAMIC
SUPPLY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com