Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX385C/D Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX385C/D
Description  Precision, Low-Voltage Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX385C/D Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX385C/D Datasheet HTML 1Page - Maxim Integrated Products MAX385C/D Datasheet HTML 2Page - Maxim Integrated Products MAX385C/D Datasheet HTML 3Page - Maxim Integrated Products MAX385C/D Datasheet HTML 4Page - Maxim Integrated Products MAX385C/D Datasheet HTML 5Page - Maxim Integrated Products MAX385C/D Datasheet HTML 6Page - Maxim Integrated Products MAX385C/D Datasheet HTML 7Page - Maxim Integrated Products MAX385C/D Datasheet HTML 8Page - Maxim Integrated Products MAX385C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Precision, Low-Voltage Analog Switches
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS—Single +5V Supply (continued)
(V+ = +5V ±10%, V- = 0V, GND = 0V, VINH = 2.4V, VINL = 0.8V, TA = TMIN to TMAX, unless otherwise noted.)
ELECTRICAL CHARACTERISTICS—Single +3.3V Supply
(V+ = 3.0V to 3.6V, GND = 0V, VINH = 2.4V, VINL = 0.8V, TA = TMIN to TMAX, unless otherwise noted.)
PARAMETER
SYMBOL
MIN
TYP
MAX
(Note 2)
UNITS
Turn-On Time
tON
160
250
ns
CONDITIONS
VCOM = 3V, Figure 2
Turn-Off Time
tOFF
ns
Positive Supply Current
I+
-1.0
0.01
1.0
µA
VCOM = 3V, Figure 2
All channels on or off, VIN = 0V or V+,
V+ = 5.5V, V- = 0V
60
125
PARAMETER
SYMBOL
MIN
TYP
MAX
(Note 2)
UNITS
Analog Signal Range
VCOM,
VNO,
VNC
0V
V+
V
CONDITIONS
(Note 3)
On-Resistance
RON
75
185
Ω
V+ = 3V, V- = 0V,
VNC or VNO = 1.5V,
ICOM = 1.0mA,
VINH = 2.4V,
VINL = 0.8V
-0.2
-0.04
0.2
M
TA = +25°C
TA = +25°C
C, E
-5.0
5.0
NC or NO Off Leakage
Current (Note 8)
INC(OFF)
or
INO(OFF)
-0.2
-0.01
0.2
nA
VCOM = 0V,
VNC or VNO = 3V,
V+ = 3.6V, V- = 0V
COM Off Leakage Current
(Note 8)
ICOM(OFF)
-0.2
-0.01
0.2
nA
VCOM = 3V,
VNC or VNO = 0V,
V+ = 3.6V, V- = 0V
COM On Leakage Current
(Note 8)
ICOM(ON)
-0.4
-0.04
0.4
nA
VCOM = 3V,
VNC or VNO = 3V,
V+ = 3.6V, V- = 0V
-2.5
2.5
-20.0
20.0
-2.5
2.5
-5.0
5.0
TA = TMIN
to TMAX
TA = TMIN
to TMAX
TA = TMIN
to TMAX
C, E
M
C, E
M
C, E
M
-5.0
5.0
C, E
M
TA = +25°C
C, E
M
-0.1
-0.01
0.1
-0.1
-0.01
0.1
C, E
TA = TMIN
to TMAX
TA = +25°C
M
C, E, M
250
175
SWITCH
TEMP.
RANGE
Power-Supply Range
V+
V
2.7
16
Break-Before-Make Time
Delay (Note 3)
tD
10
20
ns
MAX383 only
Charge Injection
(Note 3)
VCTE
pC
CL = 1.0nF, VGEN = 0V,
RGEN = 0Ω
25
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
TA = TMIN to TMAX
TA = TMIN to TMAX
300
175
Negative Supply Current
I-
-1.0
-0.01
1.0
µA
All channels on or off, VIN = 0V or V+,
V+ = 5.5V, V- = 0V
DYNAMIC
SUPPLY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com