Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3935E/D Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX3935E/D
Description  10.7Gbps EAM Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3935E/D Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX3935E/D Datasheet HTML 5Page - Maxim Integrated Products MAX3935E/D Datasheet HTML 6Page - Maxim Integrated Products MAX3935E/D Datasheet HTML 7Page - Maxim Integrated Products MAX3935E/D Datasheet HTML 8Page - Maxim Integrated Products MAX3935E/D Datasheet HTML 9Page - Maxim Integrated Products MAX3935E/D Datasheet HTML 10Page - Maxim Integrated Products MAX3935E/D Datasheet HTML 11Page - Maxim Integrated Products MAX3935E/D Datasheet HTML 12Page - Maxim Integrated Products MAX3935E/D Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
To keep the bias and modulation currents in compli-
ance, the following constraint on the total current must
be made for 50
Ω EAM modules:
|VEE| - (IBIAS + IMOD) ✕ 30
Ω≥ 1.55V
External Op Amp Selection
External op amps are required for regulating the bias
and modulation currents. The ability to operate from a
single supply with input common-mode range extend-
ing to the negative supply rail is critical in the op amp
selection. Low bias current and high PSRR also are
important. Bias current to the inverting input passes
through a 5k
Ω resistor. This could add an error to the
voltage produced by the modulation and bias current-
sense resistors. The op amp gain bandwidth must be
high enough to regulate at the power-supply ripple fre-
quency on VEE.
Pulse-Width Control Setup
Two methods of control are possible when pulse predis-
tortion is desired to minimize distortion at the receiver.
The pulse width can be set with a 2k
Ω potentiometer (or
equivalent fixed resistors); or applying a voltage, with
VEE + 1V common mode, to the PWC pins can set it. See
Table 1 for the desired effect of the pulse-width setting.
I
V
BIAS
BIASREF
=
75
.
Ω
10.7Gbps EAM Driver
_______________________________________________________________________________________
9
Table 1. Pulse-Width Control
VEE
2k
Ω
RPWC
PWC+
PWC-
50
Ω
VTT
50
Ω
DATA-
1mA
1mA
DATA+
CLK-
CLK+
VTT
50
Ω
50
Ω
50
Ω
50
Ω
50
Ω
50
Ω
D
Q
0
MUX
1
PWC
RBIAS
RMOD
5k
Ω
5k
Ω
BIASMON
VEE
BIASSET
VEE MODMON
MODSET
IBIAS
IMOD
EAM
50
Ω
50
Ω
MODN1
MOD
MOD2
MOD1
MODN2
BIAS
L
100
Ω
100
Ω
75
Ω
75
Ω
MODEN
RTEN
Figure 3. MAX3935EGJ Functional Diagram
PULSE
WIDTH
RP, RN for
RP + RN = 2k
Ω
VPWC+, VPWC- for
VCM = VEE + 1V
100%
1k
Ω or Open
VPWC+ = VPWC- = VEE + 1V
>100%
RP > RN
VPWC+ > VPWC-
<100%
RP < RN
VPWC+ < VPWC-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com