Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3935E/D Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX3935E/D
Description  10.7Gbps EAM Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3935E/D Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3935E/D Datasheet HTML 1Page - Maxim Integrated Products MAX3935E/D Datasheet HTML 2Page - Maxim Integrated Products MAX3935E/D Datasheet HTML 3Page - Maxim Integrated Products MAX3935E/D Datasheet HTML 4Page - Maxim Integrated Products MAX3935E/D Datasheet HTML 5Page - Maxim Integrated Products MAX3935E/D Datasheet HTML 6Page - Maxim Integrated Products MAX3935E/D Datasheet HTML 7Page - Maxim Integrated Products MAX3935E/D Datasheet HTML 8Page - Maxim Integrated Products MAX3935E/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
General Description
The MAX3935 is designed to drive an electro-absorp-
tion modulator (EAM) at data rates up to 10.7Gbps. It
provides programmable output levels through external-
ly adjustable bias and modulation currents. This EAM
driver is fabricated with Maxim’s in-house second-gen-
eration SiGe process.
The MAX3935 accepts differential ECL or ground-refer-
enced CML clock and data-input signals. Inputs are
terminated with on-chip 50
Ω resistors. An input-data
retiming latch can be used to reject input-pattern-
dependent jitter if a clock signal is available.
The driver can modulate EAM devices at amplitudes up
to 3.0VP-P when the device impedance is 50
Ω. Typical
(20% to 80%) edge speeds are 34ps. The output has
an on-chip 75
Ω resistor for back termination. The
MAX3935 allows for an EAM bias voltage up to 1.2V.
The MAX3935 also includes an adjustable pulse-width
control circuit to precompensate for asymmetrical EAM
characteristics.
Applications
SONET OC-192 and SDH STM-64
Transmission Systems
DWDM
Metro and Long-Haul Transmitters
Add/Drop Multiplexers
Features
o Single -5.2V Power Supply
o Low 110mA Supply Current
o 34ps Typical Rise/Fall Time
o Up to 10.7Gbps (NRZ) Operation
o On-Chip Termination Resistors
o Programmable Modulation Voltage Up to 3.0VP-P
o Programmable EAM Bias Voltage Up to 1.2V
o Adjustable Pulse-Width Control
o Selectable Data Retiming Latch
o Modulation Enable Control
o ESD Protection
10.7Gbps EAM Driver
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
Typical Application Circuit
19-4803; Rev 1; 12/02
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
†Covered by U.S. patent number 5,883,910.
PART
TEMP RANGE
PIN-PACKAGE
MAX3935EGJ
-40°C to +85°C
32 QFN-EP*
MAX3935E/D
-40°C to +85°C
Dice**
50
Ω
50
Ω
MAX3952
VBIASREF
-5.2V
-5.2V
50
Ω
50
Ω
50
Ω
50
Ω
DATA+
DATA-
VTT
CLK+
CLK-
DATA+
DATA-
CLK+
CLK-
BIASMON
BIASSET
GND
MAX3935
MODN1
MOD
MODN2
BIAS
VEE
MODSET
MODMON
RTEN
MODEN
PWC-
PWC+
-5.2V
2k
Ω
-5.2V
-5.2V
-5.2V
-5.2V
100
Ω
100pF
-5.2V
VMODREF
10Gbps SERIALIZER
L
VOUT
RPWC
EAM
REPRESENTS A CONTROLLED–IMPEDANCE TRANSMISSION LINE
*EP = exposed pad.
**Dice are designed to operate over this range, but are tested and
guaranteed at TA = +25°C only. Contact factory for availability.
For the latest package outline information, go to
www.maxim-ic.com/packages.
Pin Configuration appears at end of data sheet


Similar Part No. - MAX3935E/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX393 MAXIM-MAX393 Datasheet
739Kb / 12P
Precision, Quad, SPST Analog Switches
Rev 1; 6/99
MAX3930 MAXIM-MAX3930 Datasheet
849Kb / 14P
10.7Gbps Laser Diode Drivers
Rev 3; 3/02
MAX3930D MAXIM-MAX3930D Datasheet
849Kb / 14P
10.7Gbps Laser Diode Drivers
Rev 3; 3/02
MAX3930E MAXIM-MAX3930E Datasheet
849Kb / 14P
10.7Gbps Laser Diode Drivers
Rev 3; 3/02
MAX3931D MAXIM-MAX3931D Datasheet
849Kb / 14P
10.7Gbps Laser Diode Drivers
Rev 3; 3/02
More results

Similar Description - MAX3935E/D

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FU-632SEA-3MXXA MITSUBISHI-FU-632SEA-3MXXA Datasheet
68Kb / 5P
1.55 um EAM/DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL(WDM)
logo
Maxim Integrated Produc...
MAX3805 MAXIM-MAX3805 Datasheet
301Kb / 10P
10.7Gbps Adaptive Receive Equalizer
19-2936; Rev 0; 7/03
MAX3941 MAXIM-MAX3941 Datasheet
319Kb / 11P
10Gbps EAM Driver with Integrated Bias Network
Rev 0; 7/03
MAX3940 MAXIM-MAX3940 Datasheet
355Kb / 13P
10Gbps EAM Driver with Integrated Bias Network
Rev 0; 1/03
MAX3950 MAXIM-MAX3950 Datasheet
260Kb / 9P
3.3V, 10.7Gbps 1:16 Deserializer with LVDS Outputs
Rev 2; 12/02
logo
Micrel Semiconductor
SY88953L MICREL-SY88953L Datasheet
779Kb / 9P
3.3V 10.7Gbps CML LIMITING POST AMPLIFIER W/ TTL SD AND /SD
logo
Maxim Integrated Produc...
MAX3971A MAXIM-MAX3971A Datasheet
1Mb / 10P
3.3V, 10.7Gbps Limiting Amplifier
Rev 0; 4/02
MAX3934 MAXIM-MAX3934 Datasheet
1Mb / 10P
10.7Gbps Compact Laser Diode Driver
Rev 0; 10/02
MAX3930 MAXIM-MAX3930 Datasheet
849Kb / 14P
10.7Gbps Laser Diode Drivers
Rev 3; 3/02
MAX3971A MAXIM-MAX3971A_V01 Datasheet
454Kb / 9P
3.3V, 10.7Gbps Limiting Amplifier
19-2391; Rev 2; 2/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com