Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3935E/D Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX3935E/D
Description  10.7Gbps EAM Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3935E/D Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX3935E/D Datasheet HTML 1Page - Maxim Integrated Products MAX3935E/D Datasheet HTML 2Page - Maxim Integrated Products MAX3935E/D Datasheet HTML 3Page - Maxim Integrated Products MAX3935E/D Datasheet HTML 4Page - Maxim Integrated Products MAX3935E/D Datasheet HTML 5Page - Maxim Integrated Products MAX3935E/D Datasheet HTML 6Page - Maxim Integrated Products MAX3935E/D Datasheet HTML 7Page - Maxim Integrated Products MAX3935E/D Datasheet HTML 8Page - Maxim Integrated Products MAX3935E/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
10.7Gbps EAM Driver
4
_______________________________________________________________________________________
14ps/div
OPTICAL EYE DIAGRAM
(IMOD = 100mA, 213 - 1 +80CID)
13ps/div
ELECTRICAL EYE DIAGRAM
(IMOD = 100mA, 213 - 1 +80CID)
13ps/div
ELECTRICAL EYE DIAGRAM
(IMOD = 20mA, 213 - 1 +80CID)
AC ELECTRICAL CHARACTERISTICS (continued)
(VEE = -4.9V to -5.5V ±6%, TA = -40°C to +85°C. Typical values are at VEE = -5.2V, IBIAS = 16.7mA, IMOD = 83.3mA, TA = +25°C,
unless otherwise noted.) (Notes 1, 4, 5)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Overshoot/Undershoot
δ
(Note 3)
1
%
Driver Random Jitter
(Note 3)
0.75
psRMS
Driver Deterministic Jitter
(Note 5)
11
psP-P
Note 1: Specifications at -40°C are guaranteed by design and characterization.
Note 2: Guaranteed by design and characterization.
Note 3: Measured using a 10.7Gbps repeating 0000 0000 1111 1111 pattern.
Note 4: AC characterization performed using the circuit in Figure 1.
Note 5: Measured using a 10.7Gbps 213 -1 PRBS with eighty zeros + eighty ones input data pattern.
Note 6: For both data inputs (DATA+, DATA-) and clock inputs (CLK+, CLK-).
Note 7: Load impedance is 50
Ω in parallel with an internal 75Ω termination.
Note 8: PSRR = 20
× log10 (VNOISE (ON VCC)/(∆IMOD ✕ 30Ω)). Excludes the effect of the external op amp.
Note 9: For 40mA
≤ IMOD ≤ 100mA.
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com