Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3935E/D Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX3935E/D
Description  10.7Gbps EAM Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3935E/D Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX3935E/D Datasheet HTML 6Page - Maxim Integrated Products MAX3935E/D Datasheet HTML 7Page - Maxim Integrated Products MAX3935E/D Datasheet HTML 8Page - Maxim Integrated Products MAX3935E/D Datasheet HTML 9Page - Maxim Integrated Products MAX3935E/D Datasheet HTML 10Page - Maxim Integrated Products MAX3935E/D Datasheet HTML 11Page - Maxim Integrated Products MAX3935E/D Datasheet HTML 12Page - Maxim Integrated Products MAX3935E/D Datasheet HTML 13Page - Maxim Integrated Products MAX3935E/D Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
10.7Gbps EAM Driver
______________________________________________________________________________________
11
17
18
19
20
21
22
23
VEE
GND
MODN2
MOD
MODN1
GND
VEE
8
7
6
5
4
3
2
VTT
CLK-
CLK+
VTT
VTT
DATA-
DATA+
MAX3935
1
VTT
24
N.C.
TOP VIEW
THE EXPOSED PAD MUST BE SOLDERED TO
SUPPLY GROUND ON THE CIRCUIT BOARD.
Pin Configuration
Chip Topography
The origin for pad coordinates is the center of the die.
All pad locations are referenced from the origin and
indicate the center of the pad where the bond wire
should be connected. For more information on bonding
coordinates refer to Maxim Application Note HFAN-
08.0.1: Understanding Bonding Coordinates and
Physical Die Size on Maxim’s website.
Chip Information
TRANSISTOR COUNT: 1535
SUBSTRATE: INSULATOR, CONNECT TO GND
PROCESS: SiGe BIPOLAR
DIE THICKNESS: 8 mils
Chip Topography
VTT
CLK-
CLK+
VTT
VTT
DATA-
DATA+
VTT
VEE
GND
MODN1
MOD1
MOD2
MODN2
GND
VEE
GND
N.C.
MODSET
MODMON
VEE
VEE
GND
GND
VEE
VEE
GND
N.C.
N.C.
PWC-
PWC+
N.C.
N.C.
GND
BIAS
BIASSET
BIASMON
VEE
VEE
GND
GND
VEE
VEE
VCC
MODEN
RTEN
N.C.
N.C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com