Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3935E/D Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3935E/D
Description  10.7Gbps EAM Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3935E/D Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3935E/D Datasheet HTML 1Page - Maxim Integrated Products MAX3935E/D Datasheet HTML 2Page - Maxim Integrated Products MAX3935E/D Datasheet HTML 3Page - Maxim Integrated Products MAX3935E/D Datasheet HTML 4Page - Maxim Integrated Products MAX3935E/D Datasheet HTML 5Page - Maxim Integrated Products MAX3935E/D Datasheet HTML 6Page - Maxim Integrated Products MAX3935E/D Datasheet HTML 7Page - Maxim Integrated Products MAX3935E/D Datasheet HTML 8Page - Maxim Integrated Products MAX3935E/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
10.7Gbps EAM Driver
_______________________________________________________________________________________
3
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Differential Input Swing
(DC-Coupled)
VID
0.3
2.0
VP-P
Differential Input Swing
(AC-Coupled)
VID
0.3
1.6
VP-P
SIGNAL INPUT FOR VTT = -1.3V
Input Common Mode
VICM
-1.3
V
At high
-1.225
-0.800
Single-Ended Input
VIS
At low
-1.800
-1.375
V
Differential Input Swing
VID
0.3
2.0
VP-P
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Data Rates
NRZ (Note 2)
10.7
Gbps
Input Return Loss
RLIN
f
≤ 15GHz (Notes 2, 6)
15
dB
Modulation Current-Setting
Range
IMOD
IMOD defined in Figure 3 (Note 7)
20
100
mA
Modulation Current-Setting Error
TA = +25°C (Note 9)
-10
+10
%
Modulation Sensing Resistor
RMOD
2.7
3.0
3.3
Ω
IMOD = 100mA (Note 2)
-550
+550
Modulation Current Temperature
Stability
IMOD = 20mA
-200
ppm/°C
Modulation Off-Current
MODSET
≤ (VEE + 0.4V)
0.1
mA
Output Back Termination
Resistor
63.8
75.0
86.3
Ω
Output Edge Speed
tR, tF
ZL = 50
Ω, 20% to 80% (Note 3)
34
ps
Setup/Hold-Time
tSU, tHD
Figure 2 (Notes 2, 3)
25
ps
Pulse-Width Adjustment Range
ZL = 50
Ω, at 10Gbps (Notes 2, 3)
±60
ps
Pulse-Width Stability
PWC+ and PWC- open (Notes 2, 3)
-6
+6
ps
Pulse-Width Control Input
Range
For PWC+ and PWC-
VEE
VEE +
1.0
VEE +
2.0
V
DC ELECTRICAL CHARACTERISTICS (continued)
(VEE = -4.9V to -5.5V ±6%, TA = -40°C to +85°C. Typical values are at VEE = -5.2V, IBIAS = 16.7mA, IMOD = 83.3mA, TA = +25°C,
unless otherwise noted.) (Note 1)
AC ELECTRICAL CHARACTERISTICS
(VEE = -4.9V to -5.5V ±6%, TA = -40°C to +85°C. Typical values are at VEE = -5.2V, IBIAS = 16.7mA, IMOD = 83.3mA, TA = +25°C,
unless otherwise noted.) (Notes 1, 4, 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com