Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3935E/D Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX3935E/D
Description  10.7Gbps EAM Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3935E/D Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX3935E/D Datasheet HTML 2Page - Maxim Integrated Products MAX3935E/D Datasheet HTML 3Page - Maxim Integrated Products MAX3935E/D Datasheet HTML 4Page - Maxim Integrated Products MAX3935E/D Datasheet HTML 5Page - Maxim Integrated Products MAX3935E/D Datasheet HTML 6Page - Maxim Integrated Products MAX3935E/D Datasheet HTML 7Page - Maxim Integrated Products MAX3935E/D Datasheet HTML 8Page - Maxim Integrated Products MAX3935E/D Datasheet HTML 9Page - Maxim Integrated Products MAX3935E/D Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
10.7Gbps EAM Driver
6
_______________________________________________________________________________________
Pin Description
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
-45
-35
-40
-25
-30
-20
-15
-5
-10
0
0
2
4
6
8
10 12 14 16 18 20
DIFFERENTIAL S11 vs. FREQUENCY
FREQUENCY (GHz)
-30
-15
-20
-25
-10
-5
0
08
6
2
4
10 12 14 16 18 20
S22 vs. FREQUENCY WITH POWER OFF
FREQUENCY (GHz)
PIN
NAME
FUNCTION
1, 4
VTT
Termination Reference Voltage for Data Inputs
2
DATA+
Noninverting Data Input, with 50
Ω On-Chip Termination
3
DATA-
Inverting Data Input, with 50
Ω On-Chip Termination
5, 8
VTT
Termination Voltage for Clock Inputs
6
CLK+
Noninverting Clock Input for Data Retiming, with 50
Ω On-Chip Termination
7
CLK-
Inverting Clock Input for Data Retiming, with 50
Ω On-Chip Termination
9
PWC+
Positive Input for Modulation Pulse-Width Adjustment. Connected to VEE through RPWC.
10
PWC-
Negative Input for Modulation Pulse-Width Adjustment. Connected to VEE through RPWC.
11, 18, 22, 30
GND
Ground
12, 13, 17,
23, 28, 29
VEE
Negative Supply Voltage
14
MODMON
Modulation Current Monitor. (VMODMON - VEE) / 3
Ω = IMOD.
15
MODSET
Modulation Current Set. Connected to the output of an external op amp (see the Design Procedure
section).
16, 24
N.C.
No Connection. Leave unconnected.
19, 21
MODN2,
MODN1
Complementary Modulation Output with On-Chip Resistive Load. Connect to GND.
20
MOD
Modulation Output, DC-Coupled to EAM
25
BIAS
EAM Bias Output. Connect to the EAM through an inductor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com