Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADOG Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # ADOG
Description  Single/Dual/Quad High-Side Current-Sense Amplifiers with Internal Gain
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

ADOG Datasheet(HTML) 8 Page - Maxim Integrated Products

  ADOG Datasheet HTML 1Page - Maxim Integrated Products ADOG Datasheet HTML 2Page - Maxim Integrated Products ADOG Datasheet HTML 3Page - Maxim Integrated Products ADOG Datasheet HTML 4Page - Maxim Integrated Products ADOG Datasheet HTML 5Page - Maxim Integrated Products ADOG Datasheet HTML 6Page - Maxim Integrated Products ADOG Datasheet HTML 7Page - Maxim Integrated Products ADOG Datasheet HTML 8Page - Maxim Integrated Products ADOG Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Single/Dual/Quad, High-Side Current-Sense
Amplifiers with Internal Gain
8
_______________________________________________________________________________________
monitor. This is useful for implementing either smart
battery packs or fuel gauges.
Current Source Circuit
Figure 3 shows a block diagram using the MAX4376
with a switching regulator to make a current source.
RSENSE
VSOURCE
0 TO +28V
+3V TO +28V
RGD
VOUT
IRG1
IRGD
ILOAD
RG1
RG2
RS-
RS+
OUT
GND
TO LOAD BATTERY
VCC
CURRENT
MIRROR
A1
MAX4376
AV = 2, 5,
OR 10
OUT
Figure 1. Functional Diagram
RSENSE
+3V TO +28V
VCC
BATTERY
MAX4377
SYSTEM
AND
CHARGER
OUT2
RS1+
RS1-
OUT1
RS2-
RS2+
Figure 2. Bidirectional Current Monitor
FULL-SCALE LOAD
CURRENT, ILOAD (A)
CURRENT-SENSE
RESISTOR, RSENSE (m
Ω)
GAIN (+V/V)
FULL-SCALE OUTPUT VOLTAGE
(FULL-SCALE VSENSE = 100mV),
VOUT (V)
0.1
1000
20
2.0
50
5.0
100
10.0
1
100
20
2.0
50
5.0
100
10.0
5
20
20
2.0
50
5.0
100
10.0
10
10
20
2.0
50
5.0
100
10.0
Table 1. Recommended Component Values



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com