Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADOG Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # ADOG
Description  Single/Dual/Quad High-Side Current-Sense Amplifiers with Internal Gain
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

ADOG Datasheet(HTML) 4 Page - Maxim Integrated Products

  ADOG Datasheet HTML 1Page - Maxim Integrated Products ADOG Datasheet HTML 2Page - Maxim Integrated Products ADOG Datasheet HTML 3Page - Maxim Integrated Products ADOG Datasheet HTML 4Page - Maxim Integrated Products ADOG Datasheet HTML 5Page - Maxim Integrated Products ADOG Datasheet HTML 6Page - Maxim Integrated Products ADOG Datasheet HTML 7Page - Maxim Integrated Products ADOG Datasheet HTML 8Page - Maxim Integrated Products ADOG Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Single/Dual/Quad, High-Side Current-Sense
Amplifiers with Internal Gain
4
_______________________________________________________________________________________
0.50
0.65
0.60
0.55
0.70
0.75
0.80
0.85
0.90
0.95
1.00
010
5
15202530
SUPPLY CURRENT (PER AMPLIFIER)
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
MAX4376H
MAX4376F
MAX4376F
MAX4376T
0
0.4
0.2
0.8
0.6
1.2
1.0
1.4
-50
0
25
-25
50
75
100
125
SUPPLY CURRENT (PER AMPLIFIER)
vs. TEMPERATURE
TEMPERATURE (
°C)
MAX4376T
MAX4376F
MAX4376H
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
5
10
15
20
25
30
TOTAL OUTPUT ERROR
vs. SUPPLY VOLTAGE (VSENSE = 100mV)
SUPPLY VOLTAGE (V)
MAX4376H
MAX4376T
MAX4376F
-1
-2
0
1
2
3
4
5
6
TOTAL OUTPUT ERROR
vs. SUPPLY VOLTAGE (VSENSE = 6.25mV)
-4
-3
010
5
15202530
SUPPLY VOLTAGE (V)
MAX4376H
MAX4376F
MAX4376T
-1.0
-0.4
-0.6
-0.8
-0.2
0
0.2
0.4
0.6
0.8
1.0
010
5
15202530
TOTAL OUTPUT ERROR
vs. COMMON-MODE VOLTAGE
COMMON-MODE VOLTAGE (V)
MAX4376T
MAX4376F
MAX4376H
-2.0
-1.0
-1.5
0
-0.5
1.5
1.0
0.5
2.0
GAIN ACCURACY
vs. TEMPERATURE
TEMPERATURE (
°C)
MAX4376H
MAX4376F
MAX4376T
-50
-25
0
25
50
75
100
125
Typical Operating Characteristics
(VCC = VRS+ = 12V, VSENSE = 100mV, TA = +25
°C.)
-1.0
-0.6
-0.8
-0.2
-0.4
0.2
0
0.4
0.8
0.6
1.0
-50
0
25
-25
50
75
100 125 150
TOTAL OUTPUT ERROR
vs. TEMPERATURE
TEMPERATURE (
°C)
MAX4376H
MAX4376T
MAX4376F



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com