Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADOG Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # ADOG
Description  Single/Dual/Quad High-Side Current-Sense Amplifiers with Internal Gain
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

ADOG Datasheet(HTML) 9 Page - Maxim Integrated Products

  ADOG Datasheet HTML 1Page - Maxim Integrated Products ADOG Datasheet HTML 2Page - Maxim Integrated Products ADOG Datasheet HTML 3Page - Maxim Integrated Products ADOG Datasheet HTML 4Page - Maxim Integrated Products ADOG Datasheet HTML 5Page - Maxim Integrated Products ADOG Datasheet HTML 6Page - Maxim Integrated Products ADOG Datasheet HTML 7Page - Maxim Integrated Products ADOG Datasheet HTML 8Page - Maxim Integrated Products ADOG Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Single/Dual/Quad, High-Side Current-Sense
Amplifiers with Internal Gain
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
9 _____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600
© 2004 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
TOP VIEW
RS-
N.C.
OUT
1
2
8
7
RS+
N.C.
N.C.
GND
VCC
3
4
6
5
MAX4376
SO
RS2-
RS2+
GND
1
2
8
7
VCC
OUT2
RS1-
RS1+
OUT1
3
4
6
5
MAX4377
µMAX/SO
RS4+
GND
VCC
1
2
14
13
OUT4
RS4-
RS1-
RS1+
OUT1
3
4
12
11
MAX4378
SO/TSSOP
5
6
RS2-
OUT2
RS2+
7
OUT3
10
9
RS3+
RS3-
8
MAX4376T/F/H
RSENSE
0 TO +28V
ILOAD
VSENSE
VCC
OUT
GND
RS+
+3V TO +28V
RS-
LOAD/
BATTERY
A/D
CONVERTER
0.1
µF
Typical Operating Circuit
Ordering Information (continued)
PART
GAIN
(+V/V)
TEMP
RANGE
PIN-
PACKAGE
TOP
MARK
MAX4377TAUA
20
-40
°C to +125°C
8 µMAX
—
MAX4377FAUA
50
-40
°C to +125°C
8 µMAX
—
MAX4377HAUA
100
-40
°C to +125°C
8 µMAX
—
MAX4377TASA
20
-40
°C to +125°C
8 SO
—
MAX4377FASA
50
-40
°C to +125°C
8 SO
—
MAX4377HASA
100
-40
°C to +125°C
8 SO
—
MAX4378TAUD
20
-40
°C to +125°C
14 TSSOP
—
MAX4378FAUD
50
-40
°C to +125°C
14 TSSOP
—
MAX4378HAUD
100
-40
°C to +125°C
14 TSSOP
—
MAX4378TASD
20
-40
°C to +125°C
14 SO
—
MAX4378FASD
50
-40
°C to +125°C
14 SO
—
MAX4378HASD
100
-40
°C to +125°C
14 SO
—
MAX4376
RSENSE
ILOAD
0 TO +18V
VSENSE
VCC
OUT
VIN
GND
RS+
+3V TO +28V
0.1
µF
RS-
LOAD/
BATTERY
LOW-COST
SWITCHING
REGULATOR
MAX1745
Figure 3. Current Source
Chip Information
MAX4376_ TRANSISTOR COUNT: 162
MAX4377_ TRANSISTOR COUNT: 324
MAX4378_ TRANSISTOR COUNT: 648
PROCESS: BiCMOS
Pin Configurations (continued)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com