Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADOG Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # ADOG
Description  Single/Dual/Quad High-Side Current-Sense Amplifiers with Internal Gain
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

ADOG Datasheet(HTML) 6 Page - Maxim Integrated Products

  ADOG Datasheet HTML 1Page - Maxim Integrated Products ADOG Datasheet HTML 2Page - Maxim Integrated Products ADOG Datasheet HTML 3Page - Maxim Integrated Products ADOG Datasheet HTML 4Page - Maxim Integrated Products ADOG Datasheet HTML 5Page - Maxim Integrated Products ADOG Datasheet HTML 6Page - Maxim Integrated Products ADOG Datasheet HTML 7Page - Maxim Integrated Products ADOG Datasheet HTML 8Page - Maxim Integrated Products ADOG Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Single/Dual/Quad, High-Side Current-Sense
Amplifiers with Internal Gain
6
_______________________________________________________________________________________
2
µs/div
MAX4376H
LARGE-SIGNAL TRANSIENT RESPONSE
(VSENSE = 6mV to 100mV)
IN
45mV/div
OUT
3V/div
6mV
100mV
10V
0.6V
CL = 15pF
RL = 5k
Ω
0
1.E+04
1.E+07
1.E+06
1.E+05
SMALL-SIGNAL GAIN
vs. FREQUENCY
15
5
35
25
45
20
10
40
30
FREQUENCY (Hz)
MAX4376T
MAX4376F
MAX4376H
TIME (500ns)
OVERDRIVE RESPONSE
AV = +20V/V
IN
200mV/div
OUT
2V/div
350mV
750mV
VOH
7V
MAX4376/7/8 toc16
0
100
50
200
150
350
300
250
400
OUTPUT LOW
vs. TEMPERATURE
TEMPERATURE (
°C)
-50
-25
0
25
50
75
100
125
MAX4376H
MAX4376F
MAX4376T
Typical Operating Characteristics (continued)
(VCC = VRS+ = 12V, VSENSE = 100mV, TA = +25
°C.)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com