Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADOG Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # ADOG
Description  Single/Dual/Quad High-Side Current-Sense Amplifiers with Internal Gain
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

ADOG Datasheet(HTML) 5 Page - Maxim Integrated Products

  ADOG Datasheet HTML 1Page - Maxim Integrated Products ADOG Datasheet HTML 2Page - Maxim Integrated Products ADOG Datasheet HTML 3Page - Maxim Integrated Products ADOG Datasheet HTML 4Page - Maxim Integrated Products ADOG Datasheet HTML 5Page - Maxim Integrated Products ADOG Datasheet HTML 6Page - Maxim Integrated Products ADOG Datasheet HTML 7Page - Maxim Integrated Products ADOG Datasheet HTML 8Page - Maxim Integrated Products ADOG Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Single/Dual/Quad, High-Side Current-Sense
Amplifiers with Internal Gain
_______________________________________________________________________________________
5
Typical Operating Characteristics (continued)
(VCC = VRS+ = 12V, VSENSE = 100mV, TA = +25
°C.)
2
µs/div
MAX4376F
SMALL-SIGNAL TRANSIENT RESPONSE
(VSENSE = 95mV TO 100mV)
IN
5mV/div
OUT
100mV/div
95mV
100mV
5V
4.75V
CL = 15pF
RL = 2.5k
Ω
2
µs/div
MAX4376H
SMALL-SIGNAL TRANSIENT RESPONSE
(VSENSE = 95mV to 100mV)
IN
5mV/div
OUT
200mV/div
95mV
100mV
10V
9.5V
CL = 15pF
RL = 5k
Ω
2
µs/div
MAX4376T
LARGE-SIGNAL TRANSIENT RESPONSE
(VSENSE = 6mV to 100mV)
IN
45mV/div
OUT
500mV/div
6mV
100mV
2V
0.120V
CL = 15pF
RL = 1k
Ω
-2
0
-1
2
1
4
3
5
TOTAL OUTPUT ERROR
vs. FULL-SCALE SENSE VOLTAGE
VSENSE (mV)
0
50
100
150
200
MAX4376F
MAX4376H
MAX4376T
2
µs/div
MAX4376T
SMALL-SIGNAL TRANSIENT RESPONSE
(VSENSE = 95mV TO 100mV)
IN
5mV/div
OUT
50mV/div
95mV
100mV
2.0V
1.9V
CL = 15pF
RL =1k
Ω
2
µs/div
MAX4376F
LARGE-SIGNAL TRANSIENT RESPONSE
(VSENSE = 6mV to 100mV)
IN
45mV/div
OUT
2V/div
6mV
100mV
5V
0.3V
CL = 15pF
RL = 2.5k
Ω



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com