Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADOG Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # ADOG
Description  Single/Dual/Quad High-Side Current-Sense Amplifiers with Internal Gain
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

ADOG Datasheet(HTML) 3 Page - Maxim Integrated Products

  ADOG Datasheet HTML 1Page - Maxim Integrated Products ADOG Datasheet HTML 2Page - Maxim Integrated Products ADOG Datasheet HTML 3Page - Maxim Integrated Products ADOG Datasheet HTML 4Page - Maxim Integrated Products ADOG Datasheet HTML 5Page - Maxim Integrated Products ADOG Datasheet HTML 6Page - Maxim Integrated Products ADOG Datasheet HTML 7Page - Maxim Integrated Products ADOG Datasheet HTML 8Page - Maxim Integrated Products ADOG Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Single/Dual/Quad, High-Side Current-Sense
Amplifiers with Internal Gain
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VRS+ = 0 to 28V, VSENSE = (VRS+ - VRS- ) = 0V, VCC = +3.0V to +28V, RL =
∞, TA = TMIN to TMAX, unless otherwise noted. Typical
values are at TA = 25
°C.) (Note 1)
Note 1: All devices are 100% production tested at TA = +25
°C. All temperature limits are guaranteed by design.
Note 2: Total OUT Voltage Error is the sum of gain and offset errors.
Note 3: 6.25mV = 1/16 of 100mV full-scale sense voltage.
Note 4: VSENSE such that VOUT is in saturation.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VSENSE = 100mV
(gain = +20V/V)
2
VSENSE = 100mV
(gain = +50V/V)
1.7
VSENSE = 100mV
(gain = +100V/V)
1.2
Bandwidth
BW
VCC = 12V
VRS+ = 12V
CLOAD = 15pF
VSENSE = 6.25mV (Note 3)
0.5
MHz
Slew Rate
SR
VSENSE = 20mV to 100mV, CLOAD = 15pF
10
V/µs
MAX437_T
+20
MAX437_F
+50
Gain
AV
MAX437_H
+100
V/V
TA = TMIN to TMAX
±5.5
VSENSE = 10mV to 150mV,
VCC= 12V, IOUT = 2mA,
gain = 20 and 50
TA = +25
°C
±0.5
±2.5
TA = TMIN to TMAX
5.5
Gain Accuracy
∆AV
VSENSE = 10mV to 150mV,
VCC = 20V, IOUT = 2mA,
gain = 100
TA = +25
°C
±0.5
±2.5
%
VSENSE = 6.25mV
to 100mV
400
OUT Setting Time to 1% of Final
Value
VCC = 12V, VRS+ = 12V,
CLOAD = 15pF
VSENSE = 100mV
to 6.25mV
800
ns
Maximum Capacitive Load
CLOAD
No sustained oscillation
1000
pF
Output Resistance
ROUT
VSENSE = 100mV
5
Ω
Power-Supply Rejection
PSR
VRS+ > 2V, VOUT = 1.6V, VCC = 3V to 28V
66
90
dB
Power-Up Time to 1% of Final
Value
VSENSE = 100mV, CLOAD = 15pF
2
µs
Saturation Recovery Time to 1%
of Final Value
VCC = 12V, VRS+ = 12V, CLOAD = 15pF,
VSENSE = 100mV
1µs
Reverse Recovery Time to 1%
of Final Value
VCC = 12V, VRS_ = 12V, CLOAD = 15pF,
VSENSE = -100mV to +100mV
1µs



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com