Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX479ACPD Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX479ACPD
Description  17關A Max, Dual/Quad, Single-Supply, Precision Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX479ACPD Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX479ACPD Datasheet HTML 4Page - Maxim Integrated Products MAX479ACPD Datasheet HTML 5Page - Maxim Integrated Products MAX479ACPD Datasheet HTML 6Page - Maxim Integrated Products MAX479ACPD Datasheet HTML 7Page - Maxim Integrated Products MAX479ACPD Datasheet HTML 8Page - Maxim Integrated Products MAX479ACPD Datasheet HTML 9Page - Maxim Integrated Products MAX479ACPD Datasheet HTML 10Page - Maxim Integrated Products MAX479ACPD Datasheet HTML 11Page - Maxim Integrated Products MAX479ACPD Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
17µA Max, Dual/Quad, Single-Supply,
Precision Op Amps
8
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS: ±15V
(VS = ±15V, TA = -40°C to +85°C, unless otherwise noted.)
Note 1:
Guaranteed by design.
Note 2:
Power-supply rejection ratio is measured at the minimum supply voltage. The op amps actually work at 1.7V supply, but
with additional input offset-voltage skew.
PARAMETER
SYMBOL
CONDITIONS
MAX478EP
MAX479EP
MIN
TYP
MAX
MAX478ES
MAX479ES
MIN
TYP
MAX
UNITS
Output Voltage Swing
VOUT
RL = 5kΩ
±11.0 ±13.5
±11.0 ±13.5
V
Common-Mode
Rejection Ratio
CMRR
VCM = +13V, -14.9V
88
103
88
103
dB
IS
Supply Current per Amplifer
Input Offset Current
IOS
(Note 1)
0.7
4.0
0.9
5.5
Input Offset-Voltage Drift
∆V
OS
∆T
µV/°C
Large-Signal
Voltage Gain
AVOL
VO = ±10V, RL = 50kΩ
100
500
100
500
V/mV
Input Bias Current
µA
0.07
0.70
0.07
0.70
nA
IB
Power-Supply
Rejection Ratio
PSRR
VS = 5V, 0V to ±15V
88
109
88
109
dB
Input Offset Voltage
VOS
48
48
nA
130
740
130
740
19
30
19
30
µV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com