Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX479ACPD Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX479ACPD
Description  17關A Max, Dual/Quad, Single-Supply, Precision Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX479ACPD Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX479ACPD Datasheet HTML 4Page - Maxim Integrated Products MAX479ACPD Datasheet HTML 5Page - Maxim Integrated Products MAX479ACPD Datasheet HTML 6Page - Maxim Integrated Products MAX479ACPD Datasheet HTML 7Page - Maxim Integrated Products MAX479ACPD Datasheet HTML 8Page - Maxim Integrated Products MAX479ACPD Datasheet HTML 9Page - Maxim Integrated Products MAX479ACPD Datasheet HTML 10Page - Maxim Integrated Products MAX479ACPD Datasheet HTML 11Page - Maxim Integrated Products MAX479ACPD Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
17µA Max, Dual/Quad, Single-Supply,
Precision Op Amps
10
_______________________________________________________________________________________________
1000
10
0.1
1
1k
NOISE SPECTRUM
100
FREQUENCY (Hz)
30
300
10
100
CURRENT NOISE
1/f CORNER
0.5Hz
VOLTAGE NOISE
VS = ±2.5V
TA = +25°C
20
-30
0
SHORT-CIRCUIT CURRENT
10
TIME FROM OUTPUT SHORT TO GROUND (MINUTES)
-10
-20
1
0
2
VS = 5V, 0V
VS = ±15V
VS = ±2.5V
VS = ±2.5V
VS = ±15V
100
-4.0
-50
INPUT BIAS AND OFFSET CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
100
-2.5
-25
0
50
75
25
-3.0
-3.5
25
50
75
VS = 5V, 0V
IOS
IB
____________________________Typical Operating Characteristics (continued)
LARGE-SIGNAL TRANSIENT RESPONSE
VS = ±15V
TIME (500µs/div)
AV = +1, CL = 15pF
LARGE-SIGNAL TRANSIENT RESPONSE
VS = 5V, 0V
TIME (100µs/div)
AV = +1, CL = 15pF
SMALL-SIGNAL TRANSIENT RESPONSE
VS = ±2.5V
TIME (20µs/div)
AV = +1, CL = 15pF
SMALL-SIGNAL TRANSIENT RESPONSE
VS = ±15V
TIME (20µs/div)
AV = +1, CL = 15pF
SMALL-SIGNAL TRANSIENT RESPONSE
VS = 5V, 0V
TIME (20µs/div)
AV = +1, CL = 15pF
100m
V
0V
2V
0V
0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com