Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX479ACPD Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX479ACPD
Description  17關A Max, Dual/Quad, Single-Supply, Precision Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX479ACPD Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX479ACPD Datasheet HTML 4Page - Maxim Integrated Products MAX479ACPD Datasheet HTML 5Page - Maxim Integrated Products MAX479ACPD Datasheet HTML 6Page - Maxim Integrated Products MAX479ACPD Datasheet HTML 7Page - Maxim Integrated Products MAX479ACPD Datasheet HTML 8Page - Maxim Integrated Products MAX479ACPD Datasheet HTML 9Page - Maxim Integrated Products MAX479ACPD Datasheet HTML 10Page - Maxim Integrated Products MAX479ACPD Datasheet HTML 11Page - Maxim Integrated Products MAX479ACPD Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
17µA Max, Dual/Quad, Single-Supply,
Precision Op Amps
_________________________________________________________________________________________________
9
__________________________________________Typical Operating Characteristics
20
-50
75
SUPPLY CURRENT
vs. TEMPERATURE
14
TEMPERATURE (°C)
16
-25
25
18
50
0
VS = ±15V
VS = 5V, 0V
VS = ±1.5V
12
10
100
100
-500
0
MINIMUM SUPPLY VOLTAGE
-400
0
POSITIVE SUPPLY VOLTAGE (V)
3
-200
-300
12
-100
+25°C
+85°C
-40°C
NON-FUNCTIONAL
140
-20
0.001
100k
VOLTAGE GAIN
vs. FREQUENCY
20
FREQUENCY (Hz)
1k
60
0.1
10
100
TA = +25°C
VS = ±15V
VS = 5V, 0V
120
80
40
0
30
10k
GAIN, PHASE
vs. FREQUENCY
20
FREQUENCY (Hz)
0
-10
100k
1M
10
TA = +25°C
80
120
200
240
160
PHASE
±15V
PHASE 5V, 0V
GAIN
±15V
GAIN 5V, 0V
120
1
100k
COMMON-MODE REJECTION RATIO
vs. FREQUENCY
0
FREQUENCY (Hz)
40
10
1k
80
TA = +25°C
VS = 5V, 0V
10k
100
VS = ±15V
120
0.1
100k
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
0
FREQUENCY (Hz)
40
11k
80
10k
100
POSITIVE SUPPLY
NEGATIVE SUPPLY
VS = ±2.5V + 1Vp-p SINE WAVE
TA = +25°C
10
120
0
100
40
CAPACITIVE LOAD (pF)
1000
10
80
10,000
CAPACITIVE LOAD HANDLING
VS = 5V, 0V
TA = +25°C
AV = +1
AV = +5
AV = +10
100
60
20
1000
0.1
0
OUTPUT SATURATION
vs. TEMPERATURE
10
TEMPERATURE (°C)
50
-50
100
100
1
ISINK = 1mA
ISINK = 100µA
ISINK = 1µA
NO LOAD
2k
Ω TO GROUND
VS = 5V, 0V
-25
25
75
10k
Ω TO GROUND
10M
10k
100k
VOLTAGE GAIN
vs. LOAD RESISTANCE
100k
LOAD RESISTANCE TO GROUND (
Ω)
1M
10k
1M
10M
VS = ±15V, TA = +25°C
VS = 5V, 0V,
TA = +25°C
VS = 5V, 0V,
TA = +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com