Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX479ACPD Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX479ACPD
Description  17關A Max, Dual/Quad, Single-Supply, Precision Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX479ACPD Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX479ACPD Datasheet HTML 2Page - Maxim Integrated Products MAX479ACPD Datasheet HTML 3Page - Maxim Integrated Products MAX479ACPD Datasheet HTML 4Page - Maxim Integrated Products MAX479ACPD Datasheet HTML 5Page - Maxim Integrated Products MAX479ACPD Datasheet HTML 6Page - Maxim Integrated Products MAX479ACPD Datasheet HTML 7Page - Maxim Integrated Products MAX479ACPD Datasheet HTML 8Page - Maxim Integrated Products MAX479ACPD Datasheet HTML 9Page - Maxim Integrated Products MAX479ACPD Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
17µA Max, Dual/Quad, Single-Supply,
Precision Op Amps
6
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS: ±15V
(VS = ±15V, TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MAX478AC
MAX479AC
MIN
TYP
MAX
MAX478C/E
MAX479C/E
MIN
TYP
MAX
UNITS
Input Voltage Range
VIN (CM)
Upper limit
13.5
13.9
13.5
13.9
V
Lower limit
-15.0 -15.3
Input Offset Current
IOS
-15.0 -15.3
0.05
0.25
0.05
0.35
nA
Input Bias Current
IB
35
36
nA
Common-Mode
Rejection Ratio
CMRR
VCM = +13.5V, -15V
97
106
94
106
dB
Slew Rate
SR
AV = +1V, CL = 15pF
Power-Supply
Rejection Ratio
PSRR
VS = 5V, 0V to ±15V
96
112
94
112
dB
0.02
0.04
0.02
0.04
V/µs
16
21
17
25
Gain-Bandwidth Product
GBW
fO ≤ 5kHz
85
85
kHz
Input Offset Voltage
VOS
80
350
100
480
µV
IS
Supply Current per Amplifer
µA
Large-Signal
Voltage Gain
AVOL
VO = ±10V, RL = 50kΩ
300
1200
250
1000
V/mV
VO = ±10V, no load
600
2500
400
2500
Output Voltage Swing
VOUT
RL = 50kΩ
±13.0 ±14.2
±13.0 ±14.2
V
RL = 2kΩ
±11.0 ±12.7
±11.0 ±12.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com