Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX479ACPD Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX479ACPD
Description  17關A Max, Dual/Quad, Single-Supply, Precision Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX479ACPD Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX479ACPD Datasheet HTML 4Page - Maxim Integrated Products MAX479ACPD Datasheet HTML 5Page - Maxim Integrated Products MAX479ACPD Datasheet HTML 6Page - Maxim Integrated Products MAX479ACPD Datasheet HTML 7Page - Maxim Integrated Products MAX479ACPD Datasheet HTML 8Page - Maxim Integrated Products MAX479ACPD Datasheet HTML 9Page - Maxim Integrated Products MAX479ACPD Datasheet HTML 10Page - Maxim Integrated Products MAX479ACPD Datasheet HTML 11Page - Maxim Integrated Products MAX479ACPD Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
________________________________________________________Package Information
17µA Max, Dual/Quad, Single-Supply,
Precision Op Amps
______________________________________________________________________________________
11
IN+
IN-
R1
OUTPUT
LOW-POWER INSTRUMENTATION AMPLIFIER
1/4MAX479
1/4MAX479
GAIN = (1 +
2R1
) (
R3
) = 100 FOR VALUES SHOWN
RG R2
1/4MAX479
1M
RG
200k
R1
1M
R2
1M
R3
9.1M
R3
9.1M
R2
1M
________Typical Application Circuit
___________________Chip Topograqhy
OUTA
V+
0.111"
(2.82mm)
V-
V+
OUTB
INA-
INA+
INB-
INB+
0.079"
(2.01mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com