Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX479ACPD Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX479ACPD
Description  17關A Max, Dual/Quad, Single-Supply, Precision Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX479ACPD Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX479ACPD Datasheet HTML 1Page - Maxim Integrated Products MAX479ACPD Datasheet HTML 2Page - Maxim Integrated Products MAX479ACPD Datasheet HTML 3Page - Maxim Integrated Products MAX479ACPD Datasheet HTML 4Page - Maxim Integrated Products MAX479ACPD Datasheet HTML 5Page - Maxim Integrated Products MAX479ACPD Datasheet HTML 6Page - Maxim Integrated Products MAX479ACPD Datasheet HTML 7Page - Maxim Integrated Products MAX479ACPD Datasheet HTML 8Page - Maxim Integrated Products MAX479ACPD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
17µA Max, Dual/Quad, Single-Supply,
Precision Op Amps
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS: 5V
(VS = 5V, 0V, VCM = 0.1V, VO = 1.4V, TA = -40°C to +85°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MAX478EP
MAX479EP
MIN
TYP
MAX
MAX478ES
MAX479ES
MIN
TYP
MAX
UNITS
Input Offset Voltage Drift
∆V
OS
∆T
(Note 1)
0.6
3.0
0.8
4.5
µV/°C
Input Offset Current
IOS
0.07
0.7
0.07
0.7
nA
Input Bias Current
IB
48
48
nA
Common-Mode
Rejection Ratio
CMRR
VCM = 0.05V to 3.2V
84
98
84
98
dB
Input Offset Voltage
VOS
MAX478
80
315
150
400
µV
Power-Supply
Rejection Ratio
PSRR
VS = 3.0V to 12V
86
100
86
100
dB
Large-Signal
Voltage Gain
AVOL
VO = 0.05V to 4V, no load (Note 1)
55
350
55
350
V/mV
MAX479
80
345
160
530
VO = 0.05V to 3.5V, RL = 50kΩ
35
130
35
130
Output Voltage Swing
VOUT
Output low, no load
9
13
9
13
mV
Output low, ISINK = 100µA
160
220
160
220
Output high, no load
3.9
4.2
3.9
4.2
V
Output high, 2k
Ω to GND
3.0
3.7
3.0
3.7
Supply Current per Amplifier
IS
15
27
15
27
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com