Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX503CNG Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX503CNG
Description  5V, Low-Power, Parallel-Input, Voltage-Output, 10-Bit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX503CNG Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX503CNG Datasheet HTML 6Page - Maxim Integrated Products MAX503CNG Datasheet HTML 7Page - Maxim Integrated Products MAX503CNG Datasheet HTML 8Page - Maxim Integrated Products MAX503CNG Datasheet HTML 9Page - Maxim Integrated Products MAX503CNG Datasheet HTML 10Page - Maxim Integrated Products MAX503CNG Datasheet HTML 11Page - Maxim Integrated Products MAX503CNG Datasheet HTML 12Page - Maxim Integrated Products MAX503CNG Datasheet HTML 13Page - Maxim Integrated Products MAX503CNG Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
An additional 110µA of supply current can be saved
when the internal reference is not used by connecting
REFGND to VDD. A low on-resistance N-channel FET,
such as the 2N7002, can be used to turn off the internal
reference to create a shutdown mode with minimum
current drain (Figure 3). When CLR is high, the transis-
tor pulls REFGND to AGND and the reference and DAC
operate normally. When CLR goes low, REFGND is
pulled up to VDD and the reference is shut down. At the
same time, CLR resets the DAC register to all 0s, and
the op-amp output goes to 0V for unity-gain and
G = 2 modes. This reduces the total single-supply
operating current from 250µA (400µA max) to typically
40µA in shutdown mode.
5V, Low-Power, Parallel-Input,
Voltage-Output, 10-Bit DAC
10
______________________________________________________________________________________
MAX503
10-BIT DAC LATCH
NBL
INPUT
LATCH
NBH
INPUT
LATCH
NBM
INPUT
LATCH
D6/S0
D7/S1
D8/D0
D2
D9/D1
D4
D3
D5
POWER-ON
RESET
CONTROL
LOGIC
DAC
A0
A1
CS
WR
LDAC
CLR
33
µF
2.048V
REFERENCE
REFOUT
REFIN
ROFS
RFB
VOUT
+5V
VSS
DGND
2N7002
REFGND
AGND
VDD
CLR
Figure 3. Low-Current Shutdown Mode
CLR CS WR LDAC
A0
A1
DATA UPDATED
L
X
X
X
X
X
Reset DAC latches
H
H
X
H
X
X
No operation
H
X
H
H
X
X
No operation
H
L
L
H
H
H
NBH (D6–D9)
H
L
L
H
H
L
NBM (D2–D5)
H
L
L
H
L
H
NBL (S0 = 0, S1 = 0,
D0, D1)
H
H
H
L
X
X
Update DAC only
H
L
L
X
L
L
NBL and NBM (S0, S1,
D0–D5), DAC not
updated
H
L
L
L
H
H
NBH and update DAC
Table 2. Input Latch Addressing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com