Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX503CNG Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX503CNG
Description  5V, Low-Power, Parallel-Input, Voltage-Output, 10-Bit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX503CNG Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX503CNG Datasheet HTML 1Page - Maxim Integrated Products MAX503CNG Datasheet HTML 2Page - Maxim Integrated Products MAX503CNG Datasheet HTML 3Page - Maxim Integrated Products MAX503CNG Datasheet HTML 4Page - Maxim Integrated Products MAX503CNG Datasheet HTML 5Page - Maxim Integrated Products MAX503CNG Datasheet HTML 6Page - Maxim Integrated Products MAX503CNG Datasheet HTML 7Page - Maxim Integrated Products MAX503CNG Datasheet HTML 8Page - Maxim Integrated Products MAX503CNG Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
_______________General Description
The MAX503 is a low-power, 10-bit, voltage-output digital-
to-analog converter (DAC) that uses single 5V or dual ±5V
supplies. This device has an internal voltage reference plus
an output buffer amplifier. Operating current is only 250µA
from a single 5V supply, making it ideal for portable and
battery-powered applications. In addition, the shrink small-
outline package (SSOP) measures only 0.1 square inches,
using less board area than an 8-pin DIP. 10-bit resolution is
achieved through laser trimming of the DAC, op amp, and
reference. No further adjustments are necessary.
Internal gain-setting resistors can be used to define a DAC
output voltage range of 0V to +2.048V, 0V to +4.096V, or
±2.048V. Four-quadrant multiplication is possible without
the use of external resistors or op amps. The parallel logic
inputs are double buffered and are compatible with 4-bit, 8-
bit, and 16-bit microprocessors. For a hardware and soft-
ware compatible 12-bit upgrade, refer to the MAX530 data
sheet. For DACs with similar features but with a serial data
interface, refer to the MAX504/MAX515 data sheet.
________________________Applications
Battery-Powered Data-Conversion Products
Minimum Component-Count Analog Systems
Digital Offset/Gain Adjustment
Industrial Process Control
Arbitrary Function Generators
Automatic Test Equipment
Microprocessor-Controlled Calibration
____________________________Features
o Buffered Voltage Output
o Internal 2.048V Voltage Reference
o Operates from Single 5V or Dual ±5V Supplies
o Low Power Consumption:
250µA Operating Current
40µA Shutdown-Mode Current
o SSOP Package Saves Space
o Relative Accuracy: ±1/2 LSB Max Over
Temperature
o Guaranteed Monotonic Over Temperature
o 4-Quadrant Multiplication with No External
Components
o Power-On Reset
o Double-Buffered Parallel Logic Inputs
______________Ordering Information
5V, Low-Power, Parallel-Input,
Voltage-Output, 10-Bit DAC
________________________________________________________________
Maxim Integrated Products
1
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
D6/S0
VDD
ROFS
RFB
D2
D9/D1
D8/D0
D7/S1
TOP VIEW
VOUT
VSS
REFOUT
REFGND
A0
D5
D4
D3
16
15
14
13
9
10
11
12
LDAC
CLR
AGND
REFIN
DGND
CS
WR
A1
DIP/SO/SSOP
MAX503
__________________Pin Configuration
MAX503
REFOUT
REFIN ROFS
2.048V
REFERENCE
POWER-ON
RESET
DAC
CONTROL
LOGIC
REFGND
AGND
CLR
A0
A1
CS
WR
LDAC
VDD
DGND
VSS
VOUT
RFB
17
14
DAC LATCH
NBL
INPUT
LATCH
D6/S0
D7/S1
D8/D0
D2
D9/D1
D4
D3
D5
NBM
INPUT
LATCH
NBH
INPUT
LATCH
24
1
23
4 5 6 7
21
20
23
12
19
18
13
22
15
8
9
11
10
16
10-BIT DAC LATCH
________________Functional Diagram
Call toll free 1-800-998-8800 for free samples or literature.
PART
TEMP. RANGE
PIN-PACKAGE
MAX503CNG
0°C to +70°C
24 Narrow Plastic DIP
MAX503CWG
0°C to +70°C
24 Wide SO
MAX503CAG
0°C to +70°C
24 SSOP
19-0279; Rev 0; 8/94
Refer to the MAX530 for military temperature or die equivalents.
MAX503ENG
-40°C to +85°C
24 Narrow Plastic DIP
MAX503EWG
-40°C to +85°C
24 Wide SO
MAX503EAG
-40°C to +85°C
24 SSOP


Similar Part No. - MAX503CNG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5033 MAXIM-MAX5033 Datasheet
292Kb / 17P
500mA, 76V, High-Efficiency, MAXPower Step-Down DC-DC Converter
Rev 2; 5/04
MAX5033 MAXIM-MAX5033 Datasheet
1Mb / 17P
500mA, 76V, High-Efficiency, MAXPower Step-Down DC-DC Converter
2014
MAX5033AASA MAXIM-MAX5033AASA Datasheet
292Kb / 17P
500mA, 76V, High-Efficiency, MAXPower Step-Down DC-DC Converter
Rev 2; 5/04
MAX5033AASA MAXIM-MAX5033AASA Datasheet
1Mb / 17P
500mA, 76V, High-Efficiency, MAXPower Step-Down DC-DC Converter
2014
MAX5033AUPA MAXIM-MAX5033AUPA Datasheet
292Kb / 17P
500mA, 76V, High-Efficiency, MAXPower Step-Down DC-DC Converter
Rev 2; 5/04
More results

Similar Description - MAX503CNG

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2619 WOLFSON-WM2619 Datasheet
124Kb / 9P
12-bit Parallel Input Voltage Output DAC
logo
Maxim Integrated Produc...
MAX530 MAXIM-MAX530 Datasheet
140Kb / 16P
5V, Low-Power, Parallel-Input, Voltage-Output, 12-Bit DAC
Rev 3; 7/95
MAX5541 MAXIM-MAX5541 Datasheet
221Kb / 8P
Low-Cost, 5V, Serial-Input, Voltage-Output, 16-Bit DAC
Rev 0; 12/99
MAX5544 MAXIM-MAX5544 Datasheet
218Kb / 8P
Low-Cost, 5V, Serial-Input, Voltage-Output, 14-Bit DAC
Rev 0; 12/99
logo
Exar Corporation
XRD5408 EXAR-XRD5408 Datasheet
984Kb / 16P
5V, Low Power, Voltage Output Serial 8/10/12-Bit DAC Family
logo
Analog Devices
AD7841 AD-AD7841 Datasheet
167Kb / 12P
Octal 14-Bit, Parallel Input, Voltage-Output DAC
REV. 0
AD7839ASZ AD-AD7839ASZ Datasheet
157Kb / 12P
Octal 13-Bit, Parallel Input, Voltage-Output DAC
REV. 0
AD7841ASZ AD-AD7841ASZ Datasheet
442Kb / 13P
Octal 14-Bit, Parallel Input, Voltage-Output DAC
REV. B
logo
Exar Corporation
MP5010JT EXAR-MP5010JT Datasheet
930Kb / 16P
5V, Low Power, Voltage Output Serial 8/10/12-Bit DAC Family
logo
Analog Devices
AD7841 AD-AD7841_15 Datasheet
442Kb / 13P
Octal 14-Bit, Parallel Input, Voltage-Output DAC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com