Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX503CNG Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX503CNG
Description  5V, Low-Power, Parallel-Input, Voltage-Output, 10-Bit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX503CNG Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX503CNG Datasheet HTML 1Page - Maxim Integrated Products MAX503CNG Datasheet HTML 2Page - Maxim Integrated Products MAX503CNG Datasheet HTML 3Page - Maxim Integrated Products MAX503CNG Datasheet HTML 4Page - Maxim Integrated Products MAX503CNG Datasheet HTML 5Page - Maxim Integrated Products MAX503CNG Datasheet HTML 6Page - Maxim Integrated Products MAX503CNG Datasheet HTML 7Page - Maxim Integrated Products MAX503CNG Datasheet HTML 8Page - Maxim Integrated Products MAX503CNG Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ELECTRICAL CHARACTERISTICS—Dual ±5V Supplies
(VDD = 5V, VSS = -5V, AGND = DGND = REFGND = 0V, REFIN = 2.048V (external), RFB = ROFS = VOUT, CREFOUT = 33µF,
RL = 10kΩ, CL = 100pF, TA = TMIN to TMAX, unless otherwise noted.)
Note 2: In single supply, INL and GE are calculated from code 3 to code 1023 (code excludes S0 and S1).
Note 3: Guaranteed by design.
Note 4: REFIN = 1kHz, 2.0Vp-p.
Note 5: Tested at IOUT = 100µA. The reference can typically source up to 5mA (see Typical Operating Characteristics).
5V, Low-Power, Parallel-Input,
Voltage-Output, 10-Bit DAC
4
_______________________________________________________________________________________
SWITCHING CHARACTERISTICS—Specifications are identical to those under Single +5V Supply
POWER SUPPLIES
Positive Supply Voltage
VDD
4.5
5.5
V
Negative Supply Voltage
VSS
-5.5
0
V
Positive Supply Current
IDD
Outputs unloaded, all digital inputs = 0V or VDD
250
400
µA
Negative Supply Current
ISS
Outputs unloaded, all digital inputs = 0V or VDD
150
200
µA
PARAMETER
DAC VOLTAGE OUTPUT (VOUT)
SYMBOL
MIN
TYP
MAX
DYNAMIC PERFORMANCE—Specifications are identical to those under Single +5V Supply
DIGITAL INPUTS (S0, S1, D0–D9, LDAC, CLR, CS, WR, A0, A1)—Specifications are identical to those under Single +5V Supply
UNITS
Bipolar Offset Error
VOS
±3
Output Voltage Range
LSB
Differential Nonlinearity
VSS + 0.4
VDD - 0.4
DNL
±1
LSB
V
Resolution
N
Bipolar Offset-Error
Power-Supply Rejection
Resistive Load
Bipolar Offset
Temperature Coefficient
TCVOS
3
ppm/°C
2
k
Ω
DC Output Impedance
Gain-Error Temperature
Coefficient
TC
1
0.2
ppm/°C
Gain-Error Power-Supply Rejection
Ω
PSRR
0.1
LSB/V
Short-Circuit Current
ISC
20
mA
REFERENCE INPUT (REFIN)
10
REFERENCE OUTPUT (REFOUT)—Specifications are identical to those under Single +5V Supply
Reference Input Range
STATIC PERFORMANCE
VSS + 2
VDD - 2
V
Reference Input Resistance
40
k
Ω
Reference Input Capacitance
Bits
PSRR
10
50
pF
AC Feedthrough
-80
dB
0.1
LSB/V
CONDITIONS
Guaranteed monotonic
4.5V
≤ VDD ≤ 5.5V, -5.5V ≤ VSS ≤ -4.5V
VOUT = 2V, load regulation
≤ ±0.5LSB
4.5V
≤ VDD ≤ 5.5V, -5.5V ≤ VSS ≤ -4.5V
Code dependent, minimum at code 0101...
Code dependent (Note 3)
(Note 4)
Gain Error
±1
LSB
Relative Accuracy
INL
+0.5
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com