Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX503CNG Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX503CNG
Description  5V, Low-Power, Parallel-Input, Voltage-Output, 10-Bit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX503CNG Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX503CNG Datasheet HTML 1Page - Maxim Integrated Products MAX503CNG Datasheet HTML 2Page - Maxim Integrated Products MAX503CNG Datasheet HTML 3Page - Maxim Integrated Products MAX503CNG Datasheet HTML 4Page - Maxim Integrated Products MAX503CNG Datasheet HTML 5Page - Maxim Integrated Products MAX503CNG Datasheet HTML 6Page - Maxim Integrated Products MAX503CNG Datasheet HTML 7Page - Maxim Integrated Products MAX503CNG Datasheet HTML 8Page - Maxim Integrated Products MAX503CNG Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
5V, Low-Power, Parallel-Input,
Voltage-Output, 10-Bit DAC
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
VDD to DGND and VDD to AGND ................................-0.3V, +6V
VSS to DGND and VSS to AGND .................................-6V, +0.3V
VDD to VSS ............................................................... -0.3V, +12V
AGND to DGND........................................................-0.3V, +0.3V
REFGND to AGND.........................................-0.3V, (VDD + 0.3V)
Digital Input Voltage to DGND .................... -0.3V, (VDD + 0.3V)
REFIN ..................................................(VSS - 0.3V), (VDD + 0.3V)
REFOUT ..............................................(VSS - 0.3V), (VDD + 0.3V)
REFOUT to REFGND .................................... -0.3V, (VDD + 0.3V)
RFB ....................................................(VSS - 0.3V), (VDD + 0.3V)
ROFS ..................................................(VSS - 0.3V), (VDD + 0.3V)
VOUT to AGND (Note 1) .............................................. VSS, VDD
Continuous Current, Any Input ........................................±20mA
Continuous Power Dissipation (TA = +70°C)
Narrow Plastic DIP (derate 13.33mW/°C above +70°C) ...1067mW
Wide SO (derate 11.76mW/°C above +70°C)............... 941mW
SSOP (derate 8.00mW/°C above +70°C) ......................640mW
Operating Temperature Ranges
MAX503C_G .........................................................0°C to +70°C
MAX503E_G ......................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +165°C
Lead Temperature (soldering, 10sec) ........................... +300°C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Differential Nonlinearity
DNL
±1
LSB
Unipolar Offset Error
VOS
0
0.25
3
LSB
Unipolar Offset
Temperature Coefficient
TCVOS
3
ppm/°C
Unipolar Offset-Error
Supply Rejection
PSRR
0.1
LSB/V
Resolution
STATIC PERFORMANCE
N
10
Bits
Gain-Error Temperature Coefficient
1
ppm/°C
Gain-Error Power-Supply Rejection
PSRR
0.1
LSB/V
DAC VOLTAGE OUTPUT (VOUT)
Output Voltage Range
0VDD - 0.4
V
Resistive Load
2
k
Ω
DC Output Impedance
0.2
Ω
Short-Circuit Current
ISC
12
mA
REFERENCE INPUT (REFIN)
Reference Input Range
0VDD - 2
V
Reference Input Resistance
40
k
Ω
Reference Input Capacitance
10
50
pF
AC Feedthrough
-80
dB
CONDITIONS
Guaranteed monotonic
4.5V
≤ VDD ≤ 5.5V
4.5V
≤ VDD ≤ 5.5V
VOUT = 2V, load regulation
≤ ±0.5LSB
Code dependent, minimum at code 0101...
Code dependent (Note 3)
(Note 4)
Gain Error (Note 2)
GE
LSB
±1
Note 1: The output may be shorted to VDD, VSS, DGND, or AGND if the continuous package power dissipation and current ratings
are not exceeded. Typical short-circuit currents are 20mA.
ELECTRICAL CHARACTERISTICS—Single +5V Supply
(VDD = 5V, VSS = 0V, AGND = DGND = REFGND = 0V, REFIN = 2.048V (external), RFB = ROFS = VOUT, CREFOUT = 33µF,
RL = 10kΩ, CL = 100pF, TA = TMIN to TMAX, unless otherwise noted.)
DAC latch = all 1s,
VOUT < VDD - 0.4V (Note 2)
Relative Accuracy
INL
±0.5
LSB
(Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com