Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX503CNG Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX503CNG
Description  5V, Low-Power, Parallel-Input, Voltage-Output, 10-Bit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX503CNG Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX503CNG Datasheet HTML 1Page - Maxim Integrated Products MAX503CNG Datasheet HTML 2Page - Maxim Integrated Products MAX503CNG Datasheet HTML 3Page - Maxim Integrated Products MAX503CNG Datasheet HTML 4Page - Maxim Integrated Products MAX503CNG Datasheet HTML 5Page - Maxim Integrated Products MAX503CNG Datasheet HTML 6Page - Maxim Integrated Products MAX503CNG Datasheet HTML 7Page - Maxim Integrated Products MAX503CNG Datasheet HTML 8Page - Maxim Integrated Products MAX503CNG Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
5V, Low-Power, Parallel-Input,
Voltage-Output, 10-Bit DAC
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—Single +5V Supply (continued)
(VDD = 5V, VSS = 0V, AGND = DGND = REFGND = 0V, REFIN = 2.048V (external), RFB = ROFS = VOUT, CREFOUT = 33µF,
RL = 10kΩ, CL = 100pF, TA = TMIN to TMAX, unless otherwise noted.)
PARAMETER
Temperature Coefficient
SYMBOL
MIN
TYP
MAX
UNITS
Reference Tolerance
VREFOUT
ppm/°C
2.011
2.085
DYNAMIC PERFORMANCE
V
2.015
2.081
REFERENCE OUTPUT (REFOUT)
Voltage Output Slew Rate
Reference Output Resistance
RREFOUT
2
Ω
Power-Supply Rejection Ratio
PSRR
200
µV/V
0.15
0.25
V/µs
Voltage Output Settling Time
Noise Voltage
en
400
25
µVp-p
µs
30
Digital Feedthrough
5
nV-s
68
Signal-to-Noise Plus
Distortion Ratio
SINAD
68
dB
DIGITAL INPUTS (S0, S1, D0–D9, LDAC, CLR, CS, WR, A0, A1)
Logic High Input
VIH
2.4
V
Logic Low Input
VIL
0.8
V
Digital Leakage Current
±1
µA
Digital Input Capacitance
8
pF
POWER SUPPLIES
CONDITIONS
(Note 5)
4.5V
≤ VDD ≤ 5.5V
TA = +25°C
To ±0.5LSB, VOUT = 2V
WR = VDD, digital inputs all 1s to all 0s
Unity gain (Note 4)
Gain = 2 (Note 4)
VIN = 0V or VDD
2.024
2.048
2.072
TA = +25°C
0.1Hz to 10kHz
Positive Supply-Voltage Range
VDD
4.5
5.5
V
Positive Supply Current
IDD
Outputs unloaded, all digital inputs = 0V or VDD
250
400
µA
SWITCHING CHARACTERISTICS
Address to WR Setup
tAWS
5
ns
Address to WR Hold
tAWH
5
ns
CS to WR Setup
tCWS
0
ns
CS to WR Hold
tCWH
0
ns
Data to WR Setup
tDS
45
ns
Data to WR Hold
tDH
0
ns
WR Pulse Width
tWR
45
ns
LDAC Pulse Width
tLDAC
45
ns
CLR Pulse Width
tCLR
45
ns
Internal Power-On Reset
Pulse Width
tPOR
(Note 3)
1.3
10
µs
Required External Capacitor
CREFOUT
3.3
µF
MAX503E
MAX503C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com