Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX503CNG Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX503CNG
Description  5V, Low-Power, Parallel-Input, Voltage-Output, 10-Bit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX503CNG Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX503CNG Datasheet HTML 3Page - Maxim Integrated Products MAX503CNG Datasheet HTML 4Page - Maxim Integrated Products MAX503CNG Datasheet HTML 5Page - Maxim Integrated Products MAX503CNG Datasheet HTML 6Page - Maxim Integrated Products MAX503CNG Datasheet HTML 7Page - Maxim Integrated Products MAX503CNG Datasheet HTML 8Page - Maxim Integrated Products MAX503CNG Datasheet HTML 9Page - Maxim Integrated Products MAX503CNG Datasheet HTML 10Page - Maxim Integrated Products MAX503CNG Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
5V, Low-Power, Parallel-Input,
Voltage-Output, 10-Bit DAC
_______________________________________________________________________________________
7
PIN
FUNCTION
1
D7 input when A0 = A1 = 1, or S1 input when A0 = 0 and A1 = 1. Always set S1 to 0.*
2
D8 input when A0 = A1 = 1, or D0 input when A0 = 0 and A1 = 1.*
3
D9 input when A0 = A1 = 1, or D1 input when A0 = 0 and A1 = 1.*
4
D2 Input Data, or tie to S0 and multiplex when A0 = 1 and A1 = 0.*
______________________________________________________________Pin Description
NAME
D7/ S1
D8/ D0
D9/ D1
D2
5
D3
D3 Input Data, or tie to S1 and multiplex when A0 = 1 and A1 = 0.*
6
D4
D4 Input Data, or tie to D0 and multiplex when A0 = 1 and A1 = 0.*
7
D5
D5 Input Data, or tie to D1 and multiplex when A0 = 1 and A1 = 0.*
8
A0
Address Line A0. With A1, used to multiplex 4 of 12 data lines to load low (NBL), middle (NBM),
and high (NBH) 4-bit nibbles. (12 bits can also be loaded as 8+4.)
9
A1
Address Line A1. Set A0 = A1 = 0 for NBL and NBM, A0 = 0 and A1 = 1 for NBL, A0 = 1 and A1 =
0 for NBM, or A0 = A1 = 1 for NBH. See Table 2 for complete input latch addressing.
10
WR
Write Input (active low). Used with CS to load data into the input latch selected by A0 and A1.
11
CS
Chip Select (active low). Enables addressing and writing to this chip from common bus lines.
12
DGND
Digital Ground
13
REFIN
Reference Input. Input for the R-2R DAC. Connect an external reference to this pin or a jumper to
REFOUT (pin 18) to use the internal 2.048V reference.
14
AGND
Analog Ground
15
CLR
Clear (active low). A low on CLR resets the DAC latches to all 0s.
16
LDAC
Load DAC Input (active low). Driving this asynchronous input low transfers the contents of the input
latch to the DAC latch and updates VOUT.
17
REFGND
Reference Ground must be connected to AGND when using the internal reference. Connect to VDD
to disable the internal reference and save power.
18
REFOUT
Reference Output. Output of the internal 2.048V reference. Tie to REFIN to drive the R-2R DAC.
19
VSS
Negative Power Supply. Usually ground for single-supply or -5V for dual-supply operation.
20
VOUT
Voltage Output. Op-amp buffered DAC output.
21
RFB
Feedback Pin. Op-amp feedback resistor. Always connect to VOUT.
22
ROFS
Offset Resistor Pin. Connect to VOUT for G = 1, to AGND for G = 2, or to REFIN for bipolar output.
23
VDD
Positive Power Supply (+5V)
24
D6/S0
D6 input when A0 = A1 = 1, or S0 input when A0 = 0 and A1 = 1. Always set S0 to 0.*
* This applies to 4 + 4 + 4 input loading mode. See Table 2 for 8 + 4 input loading mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com